Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

450 Datasheet(PDF) 17 Page - Intel Corporation

Part # 450
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

450 Datasheet(HTML) 17 Page - Intel Corporation

Back Button 450 Datasheet HTML 13Page - Intel Corporation 450 Datasheet HTML 14Page - Intel Corporation 450 Datasheet HTML 15Page - Intel Corporation 450 Datasheet HTML 16Page - Intel Corporation 450 Datasheet HTML 17Page - Intel Corporation 450 Datasheet HTML 18Page - Intel Corporation 450 Datasheet HTML 19Page - Intel Corporation 450 Datasheet HTML 20Page - Intel Corporation 450 Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 100 page
background image
Datasheet
17
Electrical Specifications
The TESTHI signals may use individual pull-up resistors or be grouped together as
detailed below. A matched resistor must be used for each group:
• TESTHI[1:0]
• TESTHI[7:2]
• TESTHI8/FC42 – cannot be grouped with other TESTHI signals
• TESTHI9/FC43 – cannot be grouped with other TESTHI signals
• TESTHI10 – cannot be grouped with other TESTHI signals
• TESTHI11 – cannot be grouped with other TESTHI signals
• TESTHI12/FC44 – cannot be grouped with other TESTHI signals
• TESTHI13 – cannot be grouped with other TESTHI signals
However, using boundary scan test will not be functional if these lands are connected
together. For optimum noise margin, all pull-up resistor values used for TESTHI[13:0]
lands should have a resistance value within ± 20% of the impedance of the board
transmission line traces. For example, if the nominal trace impedance is 50 Ω, then a
value between 40 Ω and 60 Ω should be used.
2.6
Voltage and Current Specification
2.6.1
Absolute Maximum and Minimum Ratings
Table 4 specifies absolute maximum and minimum ratings only and lie outside the
functional limits of the processor. Within functional operation limits, functionality and
long-term reliability can be expected.
At conditions outside functional operation condition limits, but within absolute
maximum and minimum ratings, neither functionality nor long-term reliability can be
expected. If a device is returned to conditions within functional operation limits after
having been subjected to conditions outside these limits, but within the absolute
maximum and minimum ratings, the device may be functional, but with its lifetime
degraded depending on exposure to conditions exceeding the functional operation
condition limits.
At conditions exceeding absolute maximum and minimum ratings, neither functionality
nor long-term reliability can be expected. Moreover, if a device is subjected to these
conditions for any length of time then, when returned to conditions within the
functional operating condition limits, it will either not function, or its reliability will be
severely degraded.
Although the processor contains protective circuitry to resist damage from static
electric discharge, precautions should always be taken to avoid high static voltages or
electric fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com