Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

450 Datasheet(PDF) 18 Page - Intel Corporation

Part # 450
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

450 Datasheet(HTML) 18 Page - Intel Corporation

Back Button 450 Datasheet HTML 14Page - Intel Corporation 450 Datasheet HTML 15Page - Intel Corporation 450 Datasheet HTML 16Page - Intel Corporation 450 Datasheet HTML 17Page - Intel Corporation 450 Datasheet HTML 18Page - Intel Corporation 450 Datasheet HTML 19Page - Intel Corporation 450 Datasheet HTML 20Page - Intel Corporation 450 Datasheet HTML 21Page - Intel Corporation 450 Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 100 page
background image
Electrical Specifications
18
Datasheet
NOTES:
1.
For functional operation, all processor electrical, signal quality, mechanical and thermal
specifications must be satisfied.
2.
Excessive overshoot or undershoot on any signal will likely result in permanent damage to
the processor.
3.
Storage temperature is applicable to storage conditions only. In this scenario, the
processor must not receive a clock, and no lands can be connected to a voltage bias.
Storage within these limits will not affect the long-term reliability of the device. For
functional operation, refer to the processor case temperature specifications.
4.
This rating applies to the processor and does not include any tray or packaging.
5.
Failure to adhere to this specification can affect the long term reliability of the processor.
Table 4.
Absolute Maximum and Minimum Ratings
Symbol
Parameter
Min
Max
Unit
Notes1, 2
VCC
Core voltage with respect to V
SS
–0.3
1.55
V
-
VTT
FSB termination voltage with
respect to V
SS
–0.3
1.55
V
-
T
C
Processor case temperature
See
Chapter 5
See
Chapter 5
°C
-
TSTORAGE
Processor storage temperature
–40
85
°C
3, 4, 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com