Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

450 Datasheet(PDF) 34 Page - Intel Corporation

Part # 450
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

450 Datasheet(HTML) 34 Page - Intel Corporation

Back Button 450 Datasheet HTML 30Page - Intel Corporation 450 Datasheet HTML 31Page - Intel Corporation 450 Datasheet HTML 32Page - Intel Corporation 450 Datasheet HTML 33Page - Intel Corporation 450 Datasheet HTML 34Page - Intel Corporation 450 Datasheet HTML 35Page - Intel Corporation 450 Datasheet HTML 36Page - Intel Corporation 450 Datasheet HTML 37Page - Intel Corporation 450 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 100 page
background image
Electrical Specifications
34
Datasheet
2.9
PECI DC Specifications
PECI is an Intel proprietary one-wire interface that provides a communication channel
between Intel processors (may also include chipset components in the future) and
external thermal monitoring devices. The processor contains Digital Thermal Sensors
(DTS) distributed throughout die. These sensors are implemented as analog-to-digital
converters calibrated at the factory for reasonable accuracy to provide a digital
representation of relative processor temperature. PECI provides an interface to relay
the highest DTS temperature within a die to external management devices for thermal/
fan speed control. More detailed information is available in the Platform Environment
Control Interface (PECI) Specification.
NOTE:
1.
VTT supplies the PECI interface. PECI behavior does not affect VTT min/max specifications.
2.
The leakage specification applies to powered devices on the PECI bus.
3.
The input buffers use a Schmitt-triggered input design for improved noise immunity.
4.
One node is counted for each client and one node for the system host. Extended trace
lengths might appear as additional nodes.
§
Table 19.
PECI DC Electrical Limits
Symbol
Definition and Conditions
Min
Max
Units Notes
Vin
Input Voltage Range
-0.15
VTT+ 0.15
V
Vhysteresis Hysteresis
0.1 * VTT
—V
3
Vn
Negative-edge threshold voltage
0.275 * VTT
0.500 * VTT
V
Vp
Positive-edge threshold voltage
0.550 * VTT
0.725 * VTT
V
Isource
High level output source
(VOH = 0.75 * VTT)
-6.0
N/A
mA
Isink
Low level output sink
(VOL = 0.25 * VTT)
0.5
1.0
mA
Ileak+
High impedance state leakage to VTT
N/A
50
µA
2
Ileak-
High impedance leakage to GND
N/A
10
µA
2
Cbus
Bus capacitance per node
—10
pF
4
Vnoise
Signal noise immunity above 300 MHz
0.1 * VTT
—Vp-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com