Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

450 Datasheet(PDF) 19 Page - Intel Corporation

Part # 450
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

450 Datasheet(HTML) 19 Page - Intel Corporation

Back Button 450 Datasheet HTML 15Page - Intel Corporation 450 Datasheet HTML 16Page - Intel Corporation 450 Datasheet HTML 17Page - Intel Corporation 450 Datasheet HTML 18Page - Intel Corporation 450 Datasheet HTML 19Page - Intel Corporation 450 Datasheet HTML 20Page - Intel Corporation 450 Datasheet HTML 21Page - Intel Corporation 450 Datasheet HTML 22Page - Intel Corporation 450 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 100 page
background image
Datasheet
19
Electrical Specifications
2.6.2
DC Voltage and Current Specification
NOTES:
1.
Unless otherwise noted, all specification in this table are based on estimates and
simulation or empirical data. These specifications will be updated with characterized data
from silicon measurements at a later date.
2.
Adherence to the voltage specification for the processor are required to ensure reliable
processor operation.
3.
Each processor is programmed with a maximum valid voltage identification value (VID),
which is set at manufacturing and can not be altered. Individual maximum VID values are
calibrated during manufacturing such that two processors at the same frequency may have
different settings within the VID range. Please note this differs from the VID employed by
the processor during a power management event (Thermal Monitor 2).
4.
These voltages are targets only. A variable voltage source should exist on systems in the
event that a different voltage is required. See Section 2.3 and Table 2 for more
information.
5.
The voltage specification requirements are measured across VCC_SENSE and VSS_SENSE
lands at the socket with a 100 MHz bandwidth oscilloscope, 1.5 pF maximum probe
capacitance, and 1 MΩ minimum impedance. The maximum length of ground wire on the
probe should be less than 5 mm. Ensure external noise from the system is not coupled into
the oscilloscope probe.
6.
Refer to Table 6 and Figure 1 for the minimum, typical, and maximum V
CC allowed for a
given current. The processor should not be subjected to any VCC and ICC combination
wherein VCC exceeds VCC_MAX for a given current.
7.
ICC_MAX specification is based on the VCC_MAX loadline. Refer to Figure 1f or details.
Table 5.
Voltage and Current Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes2, 15
VID Range
VID
1.0000
—
1.3375
V
3
VCC
Processor Number
450
440
430
420
Core VCC
2.2 GHz
2.0 GHz
1.8 GHz
1.6 GHz
Refer to Table 6 and
Figure 1
V4, 5, 6
VCC_BOOT
Default VCC voltage for initial power up
—
1.10
—
V
VCCPLL
PLL VCC
- 5%
1.50
+ 5%
ICC
Processor Number
450
440
430
420
ICC for
775_VR_CONFIG_06
2.2 GHz
2.0 GHz
1.8 GHz
1.6 GHz
——
35
35
35
35
A7
VTT
FSB termination voltage
(DC + AC specifications)
1.14
1.20
1.26
V
8
VTT_OUT_LEFT
and
VTT_OUT_RIGHT
ICC
DC Current that may be drawn from
VTT_OUT_LEFT and VTT_OUT_RIGHT per pin
——
580
mA
9
ITT
ICC for VTT supply before VCC stable
ICC for VTT supply after VCC stable
——
4.5
4.6
A10
ICC_VCCPLL
ICC for PLL land
——
130
mA
ICC_GTLREF
ICC for GTLREF
—
—
200
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com