Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2526ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADN2526ACPZ-R7
Description  11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2526ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADN2526ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADN2526
Rev. A | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
MSET
2
CPA
3
ALS
4
VEE
11 IBMON
12 BSET
10 IBIAS
9VEE
TOP VIEW
(Not to Scale)
ADN2526
NOTES
1. THE EXPOSED PAD ON THE BOTTOM OF THE PACKAGE
MUST BE CONNECTED TO VCC OR THE GND PLANE.
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
I/O1
Description
1
MSET
AI
Modulation Current Control Input.
2
CPA
AI
Adjustable Cross Point. Defaults to not connected (NC) mode (floating).
3
ALS
DI
Automatic Laser Shutdown.
4
VEE
P
Negative Power Supply. Normally connected to system ground.
5
VCC
P
Positive Power Supply.
6
IMODN
AI
Modulation Current Sink, Negative.
7
IMODP
AI
Modulation Current Sink, Positive.
8
VCC
P
Positive Power Supply.
9
VEE
P
Negative Power Supply. Normally connected to system ground.
10
IBIAS
AI
Bias Current Sink.
11
IBMON
AO
Bias Current Monitoring Output.
12
BSET
AI
Bias Current Control Input.
13
VCC
P
Positive Power Supply.
14
DATAP
AI
Data Signal Positive Input.
15
DATAN
AI
Data Signal Negative Input.
16
VCC
P
Positive Power Supply.
17 (EPAD)
Exposed Pad (EPAD)
P
The exposed pad on the bottom of the package must be connected to VCC or the GND plane.
1 AI = analog input, DI = digital input, P = power, AO = analog output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com