Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2526ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADN2526ACPZ-R7
Description  11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2526ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADN2526ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADN2526
Rev. A | Page 9 of 16
FREQUENCY (GHz)
15
0
1234
5678
9
10 11 12 13 14
0
–40
–35
–30
–25
–20
–15
–10
–5
Figure 11. Differential |S22|
RISE TIME (ps)
30
23
24
25
26
27
28
29
16
10
12
14
6
8
4
2
0
Figure 12. Worst-Case Rise Time Distribution
(VCC = 3.07 V, IBIAS = 100 mA, IMOD = 80 mA, TA = 85°C)
FALL TIME (ps)
30
23
24
25
26
27
28
29
16
10
12
14
8
6
4
2
0
Figure 13. Worst-Case Fall Time Distribution
(VCC = 3.07 V, IBIAS = 100 mA, IMOD = 80 mA, TA = 85°C)
Figure 14. Electrical Eye Diagram
(11.3 Gbps, PRBS31, IMOD = 80 mA)
Figure 15. Filtered SONET OC192 Optical Eye Diagram (for Reference)
Figure 16. Filtered 10 Gb Ethernet Optical Eye



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com