Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2526ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADN2526ACPZ-R7
Description  11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2526ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADN2526ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADN2526
Rev. A | Page 14 of 16
APPLICATIONS INFORMATION
TYPICAL APPLICATION CIRCUIT
Figure 34 shows the typical application circuit for the ADN2526.
The dc voltages applied to the BSET and MSET pins control the
bias and modulation currents. The bias current can be monitored
as a voltage drop across the 1 kΩ resistor connected between
the IBMON pin and GND. The ALS pin allows the user to turn
on or turn off the bias and modulation currents, depending on
the logic level applied to the pin. The data signal source must be
connected to the DATAP and DATAN pins of the ADN2526
using 50 Ω transmission lines. The modulation current outputs,
IMODP and IMODN, must be connected to the load (TOSA)
using 50 Ω differential (25 Ω single-ended) transmission lines.
It is recommended that the components shown in Table 7 be
used between the ADN2526 and the TOSA for an example ac
coupling circuit. For up-to-date component recommendations,
contact your local Analog Devices, Inc., sales representative.
Working with a TOSA laser sample, the circuit in Figure 34
delivers optical performance shown in Figure 15 and Figure 16.
For additional applications information and optical eye perfor-
mance of other laser samples, contact your local Analog Devices
sales representative.
LAYOUT GUIDELINES
Due to the high frequencies at which the ADN2526 operates,
care should be taken when designing the PCB layout to obtain
optimum performance. Well controlled transmission line
impedance must be used for the high speed signal paths. The
length of the transmission lines must be kept to a minimum to
reduce losses and pattern-dependent jitter. The PCB layout
must be symmetrical, on both the DATAP and DATAN inputs
and the IMODP and IMODN outputs, to ensure a balance
between the differential signals. All VCC and VEE pins must be
connected to solid copper planes by using low inductance
connections. When the connections are made through vias,
multiple vias should be used in parallel to reduce the parasitic
inductance. Each VEE pin must be locally decoupled with high
quality capacitors. If proper decoupling cannot be achieved
using a single capacitor, the user can use multiple capacitors in
parallel for each VEE pin. A 20 μF tantalum capacitor must be
used as a general decoupling capacitor for the entire module. For
guidelines on the surface-mount assembly of the ADN2526, see
the Amkor Technology® Application Notes for Surface Mount
Assembly of Amkor’s MicroLeadFrame® (MLF®) Packages.
Table 7. Recommended Components for AC-Coupling
Component
Value
Description
R1, R2
36 Ω
0603 size resistor
R3, R4
200 Ω
0603 size resistor
C3, C4
100 nF
0603 size capacitor, Phycomp 223878615649
L2, L3
20 nH
0402 size inductor, Murata LQW15AN20NJ0
L6, L7
0402 size ferrite
Murata BLM15HG102SN1
L1, L4, L5, L8
10 μH
0603 size inductor, Murata LQM21FN100M70L
CPA
MSET CPA
ALS
VEE
BSET IBMON IBIAS VEE
VCC
DATAP
DATAN
VCC
VCC
IMODP
IMODN
VCC
DATAP
DATAN
C1
C2
MSET
BSET
R5
1kΩ
ADN2526
Z0 = 50Ω
Z0 = 25Ω
Z0 = 25Ω
Z0 = 50Ω
GND
VCC
GND
VCC
TOSA
C4
C7
200µF
L2
L1
R1
3.3V
VCC
VCC
VCC
VCC
VCC
TP1
C5
10nF
GND
GND
VCC
C6
10nF
GND
ALS
L7
L8
R4
L6
L5
R3
VCC
L3
L4
R2
VCC
Z0 = 25Ω
Z0 = 25Ω
C3
GND
Figure 34. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com