Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2526ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADN2526ACPZ-R7
Description  11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2526ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADN2526ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADN2526
Rev. A | Page 8 of 16
0
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VCC = 3.3 V, unless otherwise noted.
27.0
26.5
26.0
25.5
25.0
24.5
24.0
23.5
23.0
0
20406080
10
IMOD (mA)
Figure 5. Rise Time vs. IMOD
27.0
26.5
26.0
25.5
25.0
24.5
24.0
23.5
23.0
0
20406080
10
IMOD (mA)
0
Figure 6. Fall Time vs. IMOD
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
20406080
10
IMOD (mA)
0
Figure 7. Random Jitter vs. IMOD
9
8
7
6
5
4
3
2
1
0
0
2040
6080
10
IMOD (mA)
0
Figure 8. Deterministic Jitter vs. IMOD
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
0
102030405060708090
100
IMOD (mA)
IBIAS = 10
IBIAS = 50
IBIAS = 100
Figure 9. Total Supply Current vs. IMOD
FREQUENCY (GHz)
15
0
1234
567
89
10 11 12 13 14
0
–40
–35
–30
–25
–20
–15
–10
–5
Figure 10. Differential |S11|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com