Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2526ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADN2526ACPZ-R7
Description  11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2526ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADN2526ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADN2526
Rev. A | Page 11 of 16
2Ω
2kΩ
100Ω
IBIAS
VCC
VCC
Figure 21. Equivalent Circuit of the IBIAS Pin
VCC
IBMON
VCC
100Ω
500Ω
VCC
Figure 22. Equivalent Circuit of the IBMON Pin
The recommended configuration for BSET, IBIAS, and IBMON
is shown in Figure 23.
ADN2526
BSET
VBSET
GND
IBMON
IBMON
IBIAS
TO LASER CATHODE
L
R
1kΩ
IBIAS
Figure 23. Recommended Configuration for the BSET, IBIAS, and IBMON Pins
The circuit used to drive the BSET voltage must be able to drive
the 1 kΩ input resistance of the BSET pin. For proper operation
of the bias current source, the voltage at the IBIAS pin must be
between the compliance voltage specifications for this pin over
supply, temperature, and bias current range (see Table 1). The
maximum compliance voltage is specified for only two bias
current levels (10 mA and 100 mA), but it can be calculated for
any bias current by
VCOMPLIANCE_MAX (V) = VCC (V) − 0.75 − 4.4 × IBIAS
(1)
See the Applications Information section for examples of
headroom calculations.
The function of the inductor, L, is to isolate the capacitance of
the IBIAS output from the high frequency signal path. For
recommended components, see Table 7.
AUTOMATIC LASER SHUTDOWN (ALS)
The ALS pin is a digital input that enables/disables both the bias
and modulation currents, depending on the logic state applied,
as shown in Table 5.
Table 5. ALS Functions
ALS Logic State
IBIAS and IMOD
High
Disabled
Low
Enabled
Floating
Enabled
The ALS pin is compatible with 3.3 V CMOS and LVTTL logic
levels. Its equivalent circuit is shown in Figure 24.
VCC
ALS
VCC
100Ω
40kΩ
2kΩ
Figure 24. Equivalent Circuit of the ALS Pin
MODULATION CURRENT
The modulation current can be controlled by applying a dc
voltage to the MSET pin. This voltage is converted into a dc
current by using a voltage-to-current converter using an
operational amplifier and a bipolar transistor, as shown in
Figure 25.
50Ω
200Ω
800Ω
MSET
GND
IMODP
IMODN
ADN2526
VCC
VO
gm × VO
FROM INPUT STAGE
IMOD
Figure 25. Generation of Modulation Current on the ADN2526
This dc current is switched by the data signal applied to the
input stage (DATAP and DATAN pins) and amplified by the
output stage to generate the differential modulation current at
the IMODP and IMODN pins.
The output stage also generates the active back-termination,
which provides proper transmission line termination. Active
back-termination uses feedback around an active circuit to
synthesize a broadband termination resistance. This provides
excellent transmission line termination, while dissipating less
power than a traditional resistor passive back-termination.
A small portion of the modulation current flows in the virtual
50 Ω active back-termination resistor. All of the preset IMOD
modulation current, the range specified in Table 1, flows into
the external load. The equivalent circuits for MSET, IMODP, and
IMODN are shown in Figure 26 and Figure 27. The two 25 Ω
resistors in Figure 27 are not actual resistors. They represent the
active back-termination resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com