Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2526ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADN2526ACPZ-R7
Description  11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2526ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADN2526ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADN2526ACPZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADN2526
Rev. A | Page 12 of 16
VCC
MSET
800Ω
200Ω
VCC
Figure 26. Equivalent Circuit of the MSET Pin
VCC
VCC
3.3Ω
3.3Ω
25Ω
IMODP
IMODN
25Ω
Figure 27. Equivalent IMODP and IMODN Pins, As Seen From Laser Side
The recommended configuration of the MSET, IMODP,
and IMODN pins is shown in Figure 28. See Table 7 for the
recommended components.
ADN2526
MSET
VMSET
VEE
IMODP
IBIAS
VCC
L
C
TOSA
L
IMODN
Z0 = 25Ω
Z0 = 25Ω
VCC
VCC
L
C
L
Z0 = 25Ω
Z0 = 25Ω
Figure 28. Recommended Configuration for the MSET, IMODP, and IMODN Pins
The ratio between the voltage applied to the MSET pin and the
differential modulation current available at the IMODP and
IMODN pins is a function of the load resistance value, as shown
in Figure 29.
DIFFERENTIAL LOAD RESISTANCE (Ω)
MINIMUM
MAXIMUM
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
220
210
0
10203040
5060
TYPICAL
Figure 29. MSET Voltage-to-Modulation Current Ratio vs.
Differential Load Resistance
Using the resistance of the TOSA, the user can calculate the
voltage range that should be applied to the MSET pin to generate
the required modulation current range (see the example in the
Applications Information section).
The circuit used to drive the MSET voltage must be able to
drive the 1 kΩ resistance of the MSET pin. To be able to drive
80 mA modulation currents through the differential load, the
output stage of the ADN2526 (the IMODP and IMODN pins)
must be ac-coupled to the load. The voltages at these pins have
a dc component equal to VCC and an ac component with
single-ended, peak-to-peak amplitude of IMOD × 25 Ω. This is
the case even if the load impedance is less than 50 Ω differential,
because the transmission line characteristic impedance sets the
peak-to-peak amplitude. For proper operation of the output stage,
the voltages at the IMODP and IMODN pins must be between
the compliance voltage specifications for these pins over supply,
temperature, and modulation current range, as shown in Figure 30.
See the Applications Information section for examples of
headroom calculations.
IMODP, IMODN
VCC
VCC – 1.1V
VCC + 1.1V
NORMAL OPERATION REGION
Figure 30. Allowable Range for the Voltage at IMODP and IMODN
LOAD MISTERMINATION
Due to its excellent S22 performance, the ADN2526 can drive
differential loads that range from 5 Ω to 50 Ω. In practice, many
TOSAs have differential resistance less than 50 Ω. In this case, with
50 Ω differential transmission lines connecting the ADN2526 to
the load, the load end of the transmission lines are misterminated.
This mistermination leads to signal reflections back to the driver.
The excellent back-termination in the ADN2526 absorbs these
reflections, preventing their reflection back to the load. This
enables excellent optical eye quality to be achieved, even when
the load end of the transmission lines is significantly mistermi-
nated. The connection between the load and the ADN2526 must
be made with 50 Ω differential (25 Ω single-ended) transmission
lines so that the driver end of the transmission lines is properly
terminated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com