Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

340 Datasheet(PDF) 79 Page - Intel Corporation

Part # 340
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

340 Datasheet(HTML) 79 Page - Intel Corporation

Back Button 340 Datasheet HTML 74Page - Intel Corporation 340 Datasheet HTML 75Page - Intel Corporation 340 Datasheet HTML 76Page - Intel Corporation 340 Datasheet HTML 77Page - Intel Corporation 340 Datasheet HTML 78Page - Intel Corporation 340 Datasheet HTML 79Page - Intel Corporation 340 Datasheet HTML 80Page - Intel Corporation 340 Datasheet HTML 81Page - Intel Corporation 340 Datasheet HTML 82Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 79 / 82 page
background image
Datasheet
79
Boxed Processor Specifications
7.3.2
Variable Speed Fan
The boxed processor fan operates at different speeds over a short range of internal chassis
temperatures. This allows the processor fan to operate at a lower speed and noise level, while
internal chassis temperatures are low. If internal chassis temperature increases beyond a lower set
point, the fan speed will rise linearly with the internal temperature until the higher set point is
reached. At that point, the fan speed is at its maximum. As fan speed increases, so does fan noise
levels. Systems should be designed to provide adequate air around the boxed processor fan
heatsink that remains below the lower set point. These set points, represented in Figure 7-8 and
Table 7-2, can vary by a few degrees from fan heatsink to fan heatsink. The internal chassis
temperature should be kept below 38 ºC. Meeting the processor's temperature specification
(see Chapter 5) is the responsibility of the system integrator.
Note:
The motherboard must supply a constant +12 V to the processor's power header to ensure proper
operation of the variable speed fan for the boxed processor (refer to Table 7-1 for the specific
requirements).
§
Figure 7-8. Boxed Processor Fan Heatsink Set Points
Table 7-2. Boxed Processor Fan Heatsink Set Points
Boxed Processor Fan
Heatsink Set Point (ºC)
Boxed Processor Fan Speed
Notes
X
≤ 30 °C
When the internal chassis temperature is below or equal to this set point,
the fan operates at its lowest speed. Recommended maximum internal
chassis temperature for nominal operating environment.
1
NOTES:
1.
Set point variance is approximately ±1°C from fan heatsink to fan heatsink.
Y = 34 °C
When the internal chassis temperature is at this point, the fan operates
between its lowest and highest speeds. Recommended maximum
internal chassis temperature for worst-case operating environment.
—
Z
≥ 38 °C
When the internal chassis temperature is above or equal to this set point,
the fan operates at its highest speed.
1
Lower Set Point
Lowest Noise Level
Internal Chassis Temperature (Degrees C)
X
YZ
Increasing Fan
Speed & Noise
Higher Set Point
Highest Noise Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com