Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

340 Datasheet(PDF) 34 Page - Intel Corporation

Part # 340
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

340 Datasheet(HTML) 34 Page - Intel Corporation

Back Button 340 Datasheet HTML 30Page - Intel Corporation 340 Datasheet HTML 31Page - Intel Corporation 340 Datasheet HTML 32Page - Intel Corporation 340 Datasheet HTML 33Page - Intel Corporation 340 Datasheet HTML 34Page - Intel Corporation 340 Datasheet HTML 35Page - Intel Corporation 340 Datasheet HTML 36Page - Intel Corporation 340 Datasheet HTML 37Page - Intel Corporation 340 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 82 page
background image
34
Datasheet
Package Mechanical Specifications
3.2
Processor Component Keep-Out Zones
The processor may contain components on the substrate that define component keep-out zone
requirements. A thermal and mechanical solution design must not intrude into the required keep-
out zones. Decoupling capacitors are typically mounted to either the topside or pin-side of the
package substrate. See Figure 3-2 and Figure 3-3 for keep-out zones.
The location and quantity of package capacitors may change due to manufacturing efficiencies but
will remain within the component keep-in.
3.3
Package Loading Specifications
Table 3-1 provides dynamic and static load specifications for the processor package. These
mechanical maximum load limits should not be exceeded during heatsink assembly, shipping
conditions, or standard use condition. Also, any mechanical system or component testing should
not exceed the maximum limits. The processor package substrate should not be used as a
mechanical reference or load-bearing surface for thermal and mechanical solution. The minimum
loading specification must be maintained by any thermal and mechanical solutions.
.
Table 3-1. Processor Loading Specifications
Parameter
Minimum
Maximum
Notes
Static
44 N [10 lbf]
445 N [100 lbf]
1,2,3
NOTES:
1.
These specifications apply to uniform compressive loading in a direction normal to the processor IHS.
2.
This is the maximum force that can be applied by a heatsink retention clip. The clip must also provide the
minimum specified load on the processor package.
3.
These specifications are based on limited testing for design characterization. Loading limits are for the
package only and does not include the limits of the processor socket.
Dynamic
—
890 N [200 lbf]
1,3,4
4.
Dynamic loading is defined as an 11 ms duration average load superimposed on the static load require-
ment.
Transient
—
667 N [150 lbf]
1,3,5
5.
Transient loading is defined as a 2 second duration peak load superimposed on the static load requirement,
representative of loads experienced by the package during heatsink installation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com