Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

340 Datasheet(PDF) 52 Page - Intel Corporation

Part # 340
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

340 Datasheet(HTML) 52 Page - Intel Corporation

Back Button 340 Datasheet HTML 48Page - Intel Corporation 340 Datasheet HTML 49Page - Intel Corporation 340 Datasheet HTML 50Page - Intel Corporation 340 Datasheet HTML 51Page - Intel Corporation 340 Datasheet HTML 52Page - Intel Corporation 340 Datasheet HTML 53Page - Intel Corporation 340 Datasheet HTML 54Page - Intel Corporation 340 Datasheet HTML 55Page - Intel Corporation 340 Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 82 page
background image
Pin Listing and Signal Descriptions
52
Datasheet
AA7
VSS
Power/Other
AA8
VCC
Power/Other
AA9
VSS
Power/Other
AA10
VCC
Power/Other
AA11
VSS
Power/Other
AA12
VCC
Power/Other
AA13
VSS
Power/Other
AA14
VCC
Power/Other
AA15
VSS
Power/Other
AA16
VCC
Power/Other
AA17
VSS
Power/Other
AA18
VCC
Power/Other
AA19
VSS
Power/Other
AA20
TESTHI6
Power/Other
Input
AA21
GTLREF
Power/Other
Input
AA22
D62#
Source Synch
Input/Output
AA23
VSS
Power/Other
AA24
D63#
Source Synch
Input/Output
AA25
D61#
Source Synch
Input/Output
AA26
VSS
Power/Other
AB1
A35#
Source Synch
Input/Output
AB2
RSP#
Common Clock
Input
AB3
VSS
Power/Other
AB4
BPM5#
Common Clock
Input/Output
AB5
BPM1#
Common Clock
Input/Output
AB6
VSS
Power/Other
AB7
VCC
Power/Other
AB8
VSS
Power/Other
AB9
VCC
Power/Other
AB10
VSS
Power/Other
AB11
VCC
Power/Other
AB12
VSS
Power/Other
AB13
VCC
Power/Other
AB14
VSS
Power/Other
AB15
VCC
Power/Other
AB16
VSS
Power/Other
AB17
VCC
Power/Other
AB18
VSS
Power/Other
AB19
VCC
Power/Other
AB20
VSS
Power/Other
AB21
VSS
Power/Other
Table 4-2. Numerical Pin Assignment
Pin #
Pin Name
Signal Buffer
Type
Direction
AB22
TESTHI7
Power/Other
Input
AB23
PWRGOOD
Power/Other
Input
AB24
VSS
Power/Other
AB25
RESET#
Common Clock
Input
AB26
SLP#
Asynch GTL+
Input
AC1
AP0#
Common Clock
Input/Output
AC2
VSS
Power/Other
AC3
IERR#
Asynch GTL+
Output
AC4
BPM2#
Common Clock
Input/Output
AC5
VSS
Power/Other
AC6
BPM0#
Common Clock
Input/Output
AC7
VSS
Power/Other
AC8
VCC
Power/Other
AC9
VSS
Power/Other
AC10
VCC
Power/Other
AC11
VSS
Power/Other
AC12
VCC
Power/Other
AC13
VSS
Power/Other
AC14
VCC
Power/Other
AC15
VSS
Power/Other
AC16
VCC
Power/Other
AC17
VSS
Power/Other
AC18
VCC
Power/Other
AC19
VSS
Power/Other
AC20
TESTHI3
Power/Other
Input
AC21
TESTHI2
Power/Other
Input
AC22
VSS
Power/Other
AC23
TESTHI5
Power/Other
Input
AC24
TESTHI4
Power/Other
Input
AC25
VSS
Power/Other
AC26
ITP_CLK0
TAP
Input
AD1
BOOTSELECT
Power/Other
Input
AD2
VIDPWRGD
Power/Other
Input
AD3
VID5
Power/Other
Output
AD4
VSS
Power/Other
AD5
BSEL1
Power/Other
Output
AD6
BSEL0
Power/Other
Output
AD7
VCC
Power/Other
AD8
VSS
Power/Other
AD9
VCC
Power/Other
AD10
VSS
Power/Other
Table 4-2. Numerical Pin Assignment
Pin #
Pin Name
Signal Buffer
Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com