Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

340 Datasheet(PDF) 12 Page - Intel Corporation

Part # 340
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

340 Datasheet(HTML) 12 Page - Intel Corporation

Back Button 340 Datasheet HTML 8Page - Intel Corporation 340 Datasheet HTML 9Page - Intel Corporation 340 Datasheet HTML 10Page - Intel Corporation 340 Datasheet HTML 11Page - Intel Corporation 340 Datasheet HTML 12Page - Intel Corporation 340 Datasheet HTML 13Page - Intel Corporation 340 Datasheet HTML 14Page - Intel Corporation 340 Datasheet HTML 15Page - Intel Corporation 340 Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 82 page
background image
12
Datasheet
Introduction
1.1.1
Processor Packaging Terminology
Commonly used terms are explained here for clarification:
• Intel® Celeron® D processor on 90 nm process and in the 478-pin package — Celeron D
processor in the FC-mPGA4 package with a 256-KB L2 cache.
• Processor — For this document, the term processor is the generic form of the Celeron D
processor.
• Keep-out zone — The area on or near the processor that system design can not use.
• Intel£ 865G/865GV/865PE/865P chipset — Chipset that supports DDR memory technology
for the Celeron D processor.
• Intel® 845G chipset — Chipset with embedded graphics that supports DDR memory
technology. Changes are required to support the Celeron D processor on 90 nm micron
process.
• Intel® 852 GME/PM/GMV chipsets — Intel’s Portability chipsets that support DDR
memory technology for the Celeron D processor
• Processor core — Processor core die with integrated L2 cache.
• FC-mPGA4 package — The Celeron D processor is available in a Flip-Chip Micro Pin Grid
Array 4 package, consisting of a processor core mounted on a pinned substrate with an
integrated heat spreader (IHS). This packaging technology employs a 1.27 mm [0.05 in] pitch
for the substrate pins.
• mPGA478B socket — The Celeron D processor mates with the system board through a
surface mount, 478-pin, zero insertion force (ZIF) socket.
• Integrated heat spreader (IHS) —A component of the processor package used to enhance
the thermal performance of the package. Component thermal solutions interface with the
processor at the IHS surface.
• Retention mechanism (RM)—Since the mPGA478B socket does not include any mechanical
features for heatsink attach, a retention mechanism is required. Component thermal solutions
should attach to the processor via a retention mechanism that is independent of the socket.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com