Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

340 Datasheet(PDF) 42 Page - Intel Corporation

Part # 340
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

340 Datasheet(HTML) 42 Page - Intel Corporation

Back Button 340 Datasheet HTML 38Page - Intel Corporation 340 Datasheet HTML 39Page - Intel Corporation 340 Datasheet HTML 40Page - Intel Corporation 340 Datasheet HTML 41Page - Intel Corporation 340 Datasheet HTML 42Page - Intel Corporation 340 Datasheet HTML 43Page - Intel Corporation 340 Datasheet HTML 44Page - Intel Corporation 340 Datasheet HTML 45Page - Intel Corporation 340 Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 82 page
background image
Pin Listing and Signal Descriptions
42
Datasheet
Table 4-1. Alphabetical Pin Assignment
Pin Name
Pin #
Signal Buffer
Type
Direction
A3#
K2
Source Synch
Input/Output
A4#
K4
Source Synch
Input/Output
A5#
L6
Source Synch
Input/Output
A6#
K1
Source Synch
Input/Output
A7#
L3
Source Synch
Input/Output
A8#
M6
Source Synch
Input/Output
A9#
L2
Source Synch
Input/Output
A10#
M3
Source Synch
Input/Output
A11#
M4
Source Synch
Input/Output
A12#
N1
Source Synch
Input/Output
A13#
M1
Source Synch
Input/Output
A14#
N2
Source Synch
Input/Output
A15#
N4
Source Synch
Input/Output
A16#
N5
Source Synch
Input/Output
A17#
T1
Source Synch
Input/Output
A18#
R2
Source Synch
Input/Output
A19#
P3
Source Synch
Input/Output
A20#
P4
Source Synch
Input/Output
A21#
R3
Source Synch
Input/Output
A22#
T2
Source Synch
Input/Output
A23#
U1
Source Synch
Input/Output
A24#
P6
Source Synch
Input/Output
A25#
U3
Source Synch
Input/Output
A26#
T4
Source Synch
Input/Output
A27#
V2
Source Synch
Input/Output
A28#
R6
Source Synch
Input/Output
A29#
W1
Source Synch
Input/Output
A30#
T5
Source Synch
Input/Output
A31#
U4
Source Synch
Input/Output
A32#
V3
Source Synch
Input/Output
A33#
W2
Source Synch
Input/Output
A34#
Y1
Source Synch
Input/Output
A35#
AB1
Source Synch
Input/Output
A20M#
C6
Asynch GTL+
Input
ADS#
G1
Common Clock
Input/Output
ADSTB0#
L5
Source Synch
Input/Output
ADSTB1#
R5
Source Synch
Input/Output
AP0#
AC1
Common Clock
Input/Output
AP1#
V5
Common Clock
Input/Output
BCLK0
AF22
Bus Clock
Input
BCLK1
AF23
Bus Clock
Input
BINIT#
AA3
Common Clock
Input/Output
BNR#
G2
Common Clock
Input/Output
BOOTSELECT
AD1
Power/Other
Input
BPM0#
AC6
Common Clock
Input/Output
BPM1#
AB5
Common Clock
Input/Output
BPM2#
AC4
Common Clock
Input/Output
BPM3#
Y6
Common Clock
Input/Output
BPM4#
AA5
Common Clock
Input/Output
BPM5#
AB4
Common Clock
Input/Output
BPRI#
D2
Common Clock
Input
BR0#
H6
Common Clock
Input/Output
BSEL0
AD6
Power/Other
Output
BSEL1
AD5
Power/Other
Output
COMP0
L24
Power/Other
Input
COMP1
P1
Power/Other
Input
D0#
B21
Source Synch
Input/Output
D1#
B22
Source Synch
Input/Output
D2#
A23
Source Synch
Input/Output
D3#
A25
Source Synch
Input/Output
D4#
C21
Source Synch
Input/Output
D5#
D22
Source Synch
Input/Output
D6#
B24
Source Synch
Input/Output
D7#
C23
Source Synch
Input/Output
D8#
C24
Source Synch
Input/Output
D9#
B25
Source Synch
Input/Output
D10#
G22
Source Synch
Input/Output
D11#
H21
Source Synch
Input/Output
D12#
C26
Source Synch
Input/Output
D13#
D23
Source Synch
Input/Output
D14#
J21
Source Synch
Input/Output
D15#
D25
Source Synch
Input/Output
D16#
H22
Source Synch
Input/Output
D17#
E24
Source Synch
Input/Output
D18#
G23
Source Synch
Input/Output
D19#
F23
Source Synch
Input/Output
D20#
F24
Source Synch
Input/Output
D21#
E25
Source Synch
Input/Output
D22#
F26
Source Synch
Input/Output
D23#
D26
Source Synch
Input/Output
D24#
L21
Source Synch
Input/Output
D25#
G26
Source Synch
Input/Output
Table 4-1. Alphabetical Pin Assignment
Pin Name
Pin #
Signal Buffer
Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com