Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

340 Datasheet(PDF) 36 Page - Intel Corporation

Part # 340
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

340 Datasheet(HTML) 36 Page - Intel Corporation

Back Button 340 Datasheet HTML 32Page - Intel Corporation 340 Datasheet HTML 33Page - Intel Corporation 340 Datasheet HTML 34Page - Intel Corporation 340 Datasheet HTML 35Page - Intel Corporation 340 Datasheet HTML 36Page - Intel Corporation 340 Datasheet HTML 37Page - Intel Corporation 340 Datasheet HTML 38Page - Intel Corporation 340 Datasheet HTML 39Page - Intel Corporation 340 Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 82 page
background image
36
Datasheet
Package Mechanical Specifications
3.8
Processor Markings
Figure 3-5 and Figure 3-5 show the topside markings on the processor. These diagrams are to aid in
the identification of the Celeron D processor.
Figure 3-4. Processor Top-Side Marking Example (with Processor Number)
Figure 3-5. Processor Top-Side Marking Example
2D Matrix
I
Celeron® D
345 SL7NX XXXXX
3.06GHz/256/533
FFFFFFFF-NNNN
m
© ‘04
Processor
Number
Grp1line1: INTEL m © ‘03
Grp1line2: CELERON® D
Grp1line3: 2.53GHZ/256/533
Grp1line4: SLxxx PHILLIPINES
Grp1line5: 7407A234
GROUP1 LINE1
GROUP1 LINE2
GROUP1 LINE3
GROUP1 LINE4
GROUP1 LINE5
ATPO #
SERIAL #
2D Matrix
ATPO #
SER #



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com