Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

352 Datasheet(PDF) 71 Page - Intel Corporation

Part # 352
Description  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

352 Datasheet(HTML) 71 Page - Intel Corporation

Back Button 352 Datasheet HTML 67Page - Intel Corporation 352 Datasheet HTML 68Page - Intel Corporation 352 Datasheet HTML 69Page - Intel Corporation 352 Datasheet HTML 70Page - Intel Corporation 352 Datasheet HTML 71Page - Intel Corporation 352 Datasheet HTML 72Page - Intel Corporation 352 Datasheet HTML 73Page - Intel Corporation 352 Datasheet HTML 74Page - Intel Corporation 352 Datasheet HTML 75Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 95 page
background image
Datasheet
71
Land Listing and Signal Descriptions
RSP#
Input
RSP# (Response Parity) is driven by the response agent (the agent
responsible for completion of the current transaction) during
assertion of RS[2:0]#, the signals for which RSP# provides parity
protection. It must connect to the appropriate pins/lands of all
processor FSB agents.
A correct parity signal is high if an even number of covered signals
are low and low if an odd number of covered signals are low. While
RS[2:0]# = 000, RSP# is also high, since this indicates it is not
being driven by any agent ensuring correct parity.
SKTOCC#
Output
SKTOCC# (Socket Occupied) will be pulled to ground by the
processor. System board designers may use this signal to determine
if the processor is present.
SMI#
Input
SMI# (System Management Interrupt) is asserted asynchronously
by system logic. On accepting a System Management Interrupt, the
processor saves the current state and enter System Management
Mode (SMM). An SMI Acknowledge transaction is issued, and the
processor begins program execution from the SMM handler.
If SMI# is asserted during the de-assertion of RESET#, the
processor will tri-state its outputs.
STPCLK#
Input
STPCLK# (Stop Clock), when asserted, causes the processor to
enter a low power Stop-Grant state. The processor issues a Stop-
Grant Acknowledge transaction, and stops providing internal clock
signals to all processor core units except the FSB and APIC units.
The processor continues to snoop bus transactions and service
interrupts while in Stop-Grant state. When STPCLK# is de-asserted,
the processor restarts its internal clock to all units and resumes
execution. The assertion of STPCLK# has no effect on the bus clock;
STPCLK# is an asynchronous input.
TCK
Input
TCK (Test Clock) provides the clock input for the processor Test Bus
(also known as the Test Access Port).
TDI
Input
TDI (Test Data In) transfers serial test data into the processor. TDI
provides the serial input needed for JTAG specification support.
TDO
Output
TDO (Test Data Out) transfers serial test data out of the processor.
TDO provides the serial output needed for JTAG specification
support.
TESTHI[13:0]
Input
TESTHI[13:0] must be connected to the processor’s appropriate
power source (refer to VTT_OUT_LEFT and VTT_OUT_RIGHT signal
description) through a resistor for proper processor operation. See
Section 2.4 for more details.
THERMDA
Other
Thermal Diode Anode. See Section 5.2.6.
THERMDC
Other
Thermal Diode Cathode. See Section 5.2.6.
Table 25.
Signal Description (Sheet 1 of 9)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com