Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

352 Datasheet(PDF) 29 Page - Intel Corporation

Part # 352
Description  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

352 Datasheet(HTML) 29 Page - Intel Corporation

Back Button 352 Datasheet HTML 25Page - Intel Corporation 352 Datasheet HTML 26Page - Intel Corporation 352 Datasheet HTML 27Page - Intel Corporation 352 Datasheet HTML 28Page - Intel Corporation 352 Datasheet HTML 29Page - Intel Corporation 352 Datasheet HTML 30Page - Intel Corporation 352 Datasheet HTML 31Page - Intel Corporation 352 Datasheet HTML 32Page - Intel Corporation 352 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 95 page
background image
Datasheet
29
Electrical Specifications
2.7
Clock Specifications
2.7.1
Front Side Bus Clock (BCLK[1:0]) and Processor Clocking
BCLK[1:0] directly controls the FSB interface speed as well as the core frequency of the
processor. As in previous generation processors, the Celeron D processor core
frequency is a multiple of the BCLK[1:0] frequency. The processor bus ratio multiplier
will be set at its default ratio during manufacturing. Refer to Table 17 for the Celeron D
processor supported ratios.
The Celeron D processor uses a differential clocking implementation. For more
information on the Celeron D processor clocking, contact your Intel field
representative.
Table 17.
Core Frequency to FSB Multiplier Configuration
Multiplication of System
Core Frequency to FSB
Frequency
Core Frequency
(133 MHz BCLK/
533 MHz FSB)
Notes1, 2
NOTES:
1. Individual processors operate only at or below the rated frequency.
2. Listed frequencies are not necessarily committed production frequencies.
1/12
1.6 GHz
-
1/13
1.8 GHz
-
1/14
1.9 GHz
-
1/15
2 GHz
-
1/16
2.1 GHz
-
1/17
2.3 GHz
-
1/18
2.4 GHz
-
1/19
2.5 GHz
-
1/20
2.7 GHz
-
1/21
2.8 GHz
-
1/22
2.9 GHz
-
1/23
3 GHz
-
1/24
3.2 GHz
-
1/25
3.3 GHz
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com