Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

352 Datasheet(PDF) 89 Page - Intel Corporation

Part # 352
Description  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

352 Datasheet(HTML) 89 Page - Intel Corporation

Back Button 352 Datasheet HTML 85Page - Intel Corporation 352 Datasheet HTML 86Page - Intel Corporation 352 Datasheet HTML 87Page - Intel Corporation 352 Datasheet HTML 88Page - Intel Corporation 352 Datasheet HTML 89Page - Intel Corporation 352 Datasheet HTML 90Page - Intel Corporation 352 Datasheet HTML 91Page - Intel Corporation 352 Datasheet HTML 92Page - Intel Corporation 352 Datasheet HTML 93Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 95 page
background image
Datasheet
89
Boxed Processor Specifications
7
Boxed Processor Specifications
The Celeron D processor will also be offered as an Intel boxed processor. Intel boxed
processors are intended for system integrators who build systems from baseboards and
standard components. The Boxed Celeron D processor will be supplied with a cooling
solution. This chapter documents baseboard and system requirements for the cooling
solution that will be supplied with the boxed Celeron D processor. This chapter is
particularly important for OEMs that manufacture baseboards for system integrators.
Unless otherwise noted, all figures in this chapter are dimensioned in millimeters and
inches [in brackets]. Figure 16 shows a mechanical representation of a boxed Celeron
D processor.
Note:
• Drawings in this section reflect only the specifications on the Intel boxed processor
product. These dimensions should not be used as a generic keep-out zone for all
cooling solutions. It is the system designers’ responsibility to consider their
proprietary cooling solution when designing to the required keep-out zone on their
system platforms and chassis. Refer to the appropriate processor Thermal and
Mechanical Design Guidelines (see Section 1.2) for further guidance. Contact your
local Intel Sales Representative for this document.
NOTE: The airflow of the fan heatsink is into the center and out of the sides of the fan heatsink.
7.1
Mechanical Specifications
7.1.1
Boxed Processor Cooling Solution Dimensions
This section documents the mechanical specifications of the boxed Celeron D processor.
The boxed processor will be shipped with an unattached fan heatsink. Figure 16 shows
a mechanical representation of the boxed Celeron D processor.
Figure 16.
Mechanical Representation of the Boxed Processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com