Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

352 Datasheet(PDF) 72 Page - Intel Corporation

Part # 352
Description  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

352 Datasheet(HTML) 72 Page - Intel Corporation

Back Button 352 Datasheet HTML 68Page - Intel Corporation 352 Datasheet HTML 69Page - Intel Corporation 352 Datasheet HTML 70Page - Intel Corporation 352 Datasheet HTML 71Page - Intel Corporation 352 Datasheet HTML 72Page - Intel Corporation 352 Datasheet HTML 73Page - Intel Corporation 352 Datasheet HTML 74Page - Intel Corporation 352 Datasheet HTML 75Page - Intel Corporation 352 Datasheet HTML 76Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 95 page
background image
Land Listing and Signal Descriptions
72
Datasheet
THERMTRIP#
Output
In the event of a catastrophic cooling failure, the processor will
automatically shut down when the silicon has reached a temperature
approximately 20 °C above the maximum T
C. Assertion of
THERMTRIP# (Thermal Trip) indicates the processor junction
temperature has reached a level beyond where permanent silicon
damage may occur. Upon assertion of THERMTRIP#, the processor
will shut off its internal clocks (thus, halting program execution) in
an attempt to reduce the processor junction temperature. To protect
the processor, its core voltage (V
CC) must be removed following the
assertion of THERMTRIP#. Driving of the THERMTRIP# signal is
enabled within 10 μs of the assertion of PWRGOOD and is disabled
on de-assertion of PWRGOOD. Once activated, THERMTRIP#
remains latched until PWRGOOD is de-asserted. While the de-
assertion of the PWRGOOD signal will de-assert THERMTRIP#, if the
processor’s junction temperature remains at or above the trip level,
THERMTRIP# will again be asserted within 10 μs of the assertion of
PWRGOOD.
TMS
Input
TMS (Test Mode Select) is a JTAG specification support signal used
by debug tools.
TRDY#
Input
TRDY# (Target Ready) is asserted by the target to indicate that it is
ready to receive a write or implicit writeback data transfer. TRDY#
must connect the appropriate pins/lands of all FSB agents.
TRST#
Input
TRST# (Test Reset) resets the Test Access Port (TAP) logic. TRST#
must be driven low during power on Reset.
VCC
Input
VCC are the power lands for the processor. The voltage supplied to
these lands is determined by the VID[5:0] lands.
VCCA
Input
VCCA provides isolated power for the internal processor core PLLs.
VCCIOPLL
Input
VCCIOPLL provides isolated power for internal processor FSB PLLs.
VCC_SENSE
Output
VCC_SENSE is an isolated low impedance connection to processor
core power (VCC). It can be used to sense or measure voltage near
the silicon with little noise.
VCC_MB_
REGULATION
Output
This land is provided as a voltage regulator feedback sense point for
VCC. It is connected internally in the processor package to the sense
point land U27 as described in the Voltage Regulator-Down (VRD)
10.1 Design Guide for Desktop Socket 775.
VID[5:0]
Output
VID[5:0] (Voltage ID) signals are used to support automatic
selection of power supply voltages (VCC). Refer to the Voltage
Regulator-Down (VRD) 10.1 Design Guide for Desktop Socket 775
for more information. The voltage supply for these signals must be
valid before the VR can supply VCC to the processor. Conversely, the
VR output must be disabled until the voltage supply for the VID
signals becomes valid. The VID signals are needed to support the
processor voltage specification variations. See Table 2 for definitions
of these signals. The VR must supply the voltage that is requested
by the signals, or disable itself.
VSS
Input
VSS are the ground lands for the processor and should be connected
to the system ground plane.
VSSA
Input
VSSA is the isolated ground for internal PLLs.
VSS_SENSE
Output
VSS_SENSE is an isolated low impedance connection to processor
core VSS. It can be used to sense or measure ground near the silicon
with little noise.
Table 25.
Signal Description (Sheet 1 of 9)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com