Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

352 Datasheet(PDF) 26 Page - Intel Corporation

Part # 352
Description  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

352 Datasheet(HTML) 26 Page - Intel Corporation

Back Button 352 Datasheet HTML 22Page - Intel Corporation 352 Datasheet HTML 23Page - Intel Corporation 352 Datasheet HTML 24Page - Intel Corporation 352 Datasheet HTML 25Page - Intel Corporation 352 Datasheet HTML 26Page - Intel Corporation 352 Datasheet HTML 27Page - Intel Corporation 352 Datasheet HTML 28Page - Intel Corporation 352 Datasheet HTML 29Page - Intel Corporation 352 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 95 page
background image
Electrical Specifications
26
Datasheet
.
Table 11.
GTL+ Asynchronous Signal Group DC Specifications
Symbol
Parameter
Min
Max
Unit
Notes1
NOTES:
1. Unless otherwise noted, all specifications in this table apply to all processor frequencies.
VIL
Input Low Voltage
0.0
VTT/2 – (0.10 * VTT)V
2, 3
2. VIL is defined as the voltage range at a receiving agent that will be interpreted as a logical low value.
3. LINT0/INTR and LINT1/NMI use GTLREF as a reference voltage. For these two signals VIH = GTLREF +
(0.10 * VTT) and VIL= GTLREF – (0.10 * VTT).
VIH
Input High Voltage
VTT/2 + (0.10 * VTT)VTT
V
4, 5, 6, 3
4. VIH is defined as the voltage range at a receiving agent that will be interpreted as a logical high value.
5. VIH and VOH may experience excursions above VTT. However, input signal drivers must comply with the
signal quality specifications.
6. The VTT referred to in these specifications refers to instantaneous VTT.
VOH
Output High Voltage
0.90*VTT
VTT
V
7, 5, 6
7. All outputs are open drain.
IOL
Output Low Current
—
VTT/
[(0.50*RTT_MIN)+(RON_MIN)]
A
8
8. The maximum output current is based on maximum current handling capability of the buffer and is not
specified into the test load.
I
LI
Input Leakage Current
N/A
± 200
µA
9
9. Leakage to VSS with land held at VTT.
I
LO
Output Leakage Current
N/A
± 200
µA
10
10.Leakage to VTT with land held at 300 mV.
RON
Buffer On Resistance
6
12
Ω
Table 12.
PWRGOOD and TAP Signal Group DC Specifications
Symbol
Parameter
Min
Max
Unit Notes1,2
NOTES:
1. Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2. All outputs are open drain.
VHYS
Input Hysteresis
120
396
mV
3
3. VHYS represents the amount of hysteresis, nominally centered about 0.5 * VTT, for all TAP inputs.
VT+
PWRGOOD Input low-
to-high threshold
voltage
0.5 * (VTT + VHYS_MIN
+ 0.24)
0.5 * (VTT + VHYS_MAX
+ 0.24)
V
4, 5
4. The VTT referred to in these specifications refers to instantaneous VTT.
TAP Input low-to-high
threshold voltage
0.5 * (VTT + VHYS_MIN)0.5 * (VTT + VHYS_MAX)V
4
VT-
PWRGOOD Input high-
to-low threshold
voltage
0.4 * VTT
0.6 * VTT
V
4
TAP Input high-to-low
threshold voltage
0.5 * (VTT – VHYS_MAX)0.5 * (VTT – VHYS_MIN)V
4
VOH
Output High Voltage
N/A
VTT
V
6, 4
IOL
Output Low Current
—
22.2
mA
7
I
LI
Input Leakage Current
—
± 200
µA
8
I
LO
Output Leakage
Current
—± 200
µA
9
RON
Buffer On Resistance
6
12
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com