Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

352 Datasheet(PDF) 82 Page - Intel Corporation

Part # 352
Description  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

352 Datasheet(HTML) 82 Page - Intel Corporation

Back Button 352 Datasheet HTML 78Page - Intel Corporation 352 Datasheet HTML 79Page - Intel Corporation 352 Datasheet HTML 80Page - Intel Corporation 352 Datasheet HTML 81Page - Intel Corporation 352 Datasheet HTML 82Page - Intel Corporation 352 Datasheet HTML 83Page - Intel Corporation 352 Datasheet HTML 84Page - Intel Corporation 352 Datasheet HTML 85Page - Intel Corporation 352 Datasheet HTML 86Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 95 page
background image
Thermal Specifications and Design Considerations
82
Datasheet
temperature. Transistor Model parameters (Table 31) have been added to support
thermal sensors that use the transistor equation method. The Transistor Model may
provide more accurate temperature measurements when the diode ideality factor is
closer to the maximum or minimum limits. This thermal "diode" is separate from the
Thermal Monitor's thermal sensor and cannot be used to predict the behavior of the
Thermal Monitor.
NOTES:
1.
Intel does not support or recommend operation of the thermal diode under reverse bias.
2.
Characterized across a temperature range of 50 - 80 °C.
3.
Not 100% tested. Specified by design characterization.
4.
The ideality factor, n, represents the deviation from ideal diode behavior as exemplified by
the diode equation:
IFW = IS * (e
qV
D
/nkT –1)
where IS = saturation current, q = electronic charge, VD = voltage across the diode, k = Boltzmann Constant,
and T = absolute temperature (Kelvin).
5.
The series resistance, RT, is provided to allow for a more accurate measurement of the
junction temperature. RT, as defined, includes the lands of the processor but does not
include any socket resistance or board trace resistance between the socket and the
external remote diode thermal sensor. RT can be used by remote diode thermal sensors
with automatic series resistance cancellation to calibrate out this error term. Another
application is that a temperature offset can be manually calculated and programmed into
an offset register in the remote diode thermal sensors as exemplified by the equation:
Terror = [RT * (N-1) * IFWmin] / [nk/q * ln N]
where Terror = sensor temperature error, N = sensor current ratio, k = Boltzmann Constant, q = electronic
charge.
NOTES:
1.
Intel does not support or recommend operation of the thermal diode under reverse bias.
2.
Same as IFW in Table 30
3.
Characterized across a temperature range of 50 – 80 °C.
4.
Not 100% tested. Specified by design characterization.
5.
The ideality factor, nQ, represents the deviation from ideal transistor model behavior as
exemplified by the equation for the collector current:
IC = IS * (e
qV
BE
/n
Q
kT –1)
Where IS = saturation current, q = electronic charge, VBE = voltage across the transistor base emitter junction
(same nodes as VD), k = Boltzmann Constant, and T = absolute temperature (Kelvin).
6.
The series resistance, RT, provided in the Diode Model Table (Table 30) can be used for
more accurate readings as needed.
Table 30.
Thermal “Diode” Parameters using Diode Model
Symbol
Parameter
Min
Typ
Max
Unit
Notes
IFW
Forward Bias Current
5
—
200
µA
1
n
Diode Ideality Factor
1.000
1.009
1.050
-
2, 3, 4
R
T
Series Resistance
2.79
4.52
6.24
Ω
2, 3, 5
Table 31.
Thermal “Diode” Parameters using Transistor Model
Symbol
Parameter
Min
Typ
Max
Unit
Notes
IFW
Forward Bias Current
5
—
200
µA
1, 2
IE
Emitter Current
5
—
200
µA
nQ
Transistor Ideality
0.997
1.001
1.005
3, 4, 5
Beta
0.391
—
0.760
3, 4
R
T
Series Resistance
2.79
4.52
6.24
Ω
3, 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com