Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

571 Datasheet(PDF) 81 Page - Intel Corporation

Part # 571
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

571 Datasheet(HTML) 81 Page - Intel Corporation

Back Button 571 Datasheet HTML 77Page - Intel Corporation 571 Datasheet HTML 78Page - Intel Corporation 571 Datasheet HTML 79Page - Intel Corporation 571 Datasheet HTML 80Page - Intel Corporation 571 Datasheet HTML 81Page - Intel Corporation 571 Datasheet HTML 82Page - Intel Corporation 571 Datasheet HTML 83Page - Intel Corporation 571 Datasheet HTML 84Page - Intel Corporation 571 Datasheet HTML 85Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 96 page
background image
Datasheet
81
Thermal Specifications and Design Considerations
The PROCHOT# signal is asserted when a high temperature situation is detected, regardless of
whether or not Thermal Monitor or Thermal Monitor 2 is enabled.
It should be noted that the Thermal Monitor 2 TCC can not be activated via the on demand mode.
The Thermal Monitor TCC, however, can be activated through the use of the on demand mode.
5.2.3
On-Demand Mode
The Pentium 4 processor in the 775-land package provides an auxiliary mechanism that allows
system software to force the processor to reduce its power consumption. This mechanism is
referred to as "On-Demand" mode and is distinct from the Thermal Monitor feature. On-Demand
mode is intended as a means to reduce system level power consumption. Systems using the
Pentium 4 processor in the 775-land package must not rely on software usage of this mechanism to
limit the processor temperature.
If bit 4 of the ACPI P_CNT Control Register (located in the processor IA32_THERM_CONTROL
MSR) is written to a '1', the processor will immediately reduce its power consumption via
modulation (starting and stopping) of the internal core clock, independent of the processor
temperature. When using On-Demand mode, the duty cycle of the clock modulation is
programmable via bits 3:1 of the same ACPI P_CNT Control Register. In On-Demand mode, the
duty cycle can be programmed from 12.5% on/ 87.5% off, to 87.5% on/12.5% off in 12.5%
increments. On-Demand mode may be used in conjunction with the Thermal Monitor. If the system
tries to enable On-Demand mode at the same time the TCC is engaged, the factory configured duty
cycle of the TCC will override the duty cycle selected by the On-Demand mode.
Figure 5-4. Thermal Monitor 2 Frequency and Voltage Ordering
VID
Frequency
Temperature
T
TM2
f
MAX
f
TM2
VID
VID
TM2
PROCHOT#
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com