Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

571 Datasheet(PDF) 89 Page - Intel Corporation

Part # 571
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

571 Datasheet(HTML) 89 Page - Intel Corporation

Back Button 571 Datasheet HTML 85Page - Intel Corporation 571 Datasheet HTML 86Page - Intel Corporation 571 Datasheet HTML 87Page - Intel Corporation 571 Datasheet HTML 88Page - Intel Corporation 571 Datasheet HTML 89Page - Intel Corporation 571 Datasheet HTML 90Page - Intel Corporation 571 Datasheet HTML 91Page - Intel Corporation 571 Datasheet HTML 92Page - Intel Corporation 571 Datasheet HTML 93Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 96 page
background image
Datasheet
89
Boxed Processor Specifications
7
Boxed Processor Specifications
The Pentium 4 processor on 90 nm process in the 775-land package will also be offered as a boxed
Intel processor. Boxed Intel processors are intended for system integrators who build systems from
baseboards and standard components. The boxed Pentium 4 processor in the 775-land package will
be supplied with a cooling solution. This chapter documents baseboard and system requirements
for the cooling solution that will be supplied with the boxed Pentium 4 processor in the 775-land
package. This chapter is particularly important for OEMs that manufacture baseboards for system
integrators. Unless otherwise noted, all figures in this chapter are dimensioned in millimeters and
inches [in brackets]. Figure 7-1 shows a mechanical representation of a boxed Pentium 4 processor
in the 775-land package.
Note:
Drawings in this section reflect only the specifications on the boxed Intel processor product. These
dimensions should not be used as a generic keep-out zone for all cooling solutions. It is the system
designers’ responsibility to consider their proprietary cooling solution when designing to the
required keep-out zone on their system platforms and chassis. Refer to the Intel® Pentium® 4
Processor on 90 nm Process in the 775-Land Package Thermal Design Guidelines for further
guidance. Contact your local Intel Sales Representative for this document.
NOTE: The airflow of the fan heatsink is into the center and out of the sides of the fan heatsink.
Figure 7-1. Mechanical Representation of the Boxed Processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com