Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

571 Datasheet(PDF) 25 Page - Intel Corporation

Part # 571
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

571 Datasheet(HTML) 25 Page - Intel Corporation

Back Button 571 Datasheet HTML 21Page - Intel Corporation 571 Datasheet HTML 22Page - Intel Corporation 571 Datasheet HTML 23Page - Intel Corporation 571 Datasheet HTML 24Page - Intel Corporation 571 Datasheet HTML 25Page - Intel Corporation 571 Datasheet HTML 26Page - Intel Corporation 571 Datasheet HTML 27Page - Intel Corporation 571 Datasheet HTML 28Page - Intel Corporation 571 Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 96 page
background image
Datasheet
25
Electrical Specifications
Table 2-8. Voltage and Current Specifications (Sheet 1 of 2)
Symbol
Parameter
Min
Typ
Max
Unit
Notes1
VID range
VID
1.200
—
1.425
V
2
Processor Number
Core Frequency
VCC
570/571
560/561
550
VCC for 775_VR_CONFIG_04B
processors
3.80 GHZ (PRB = 1)
3.60 GHz (PRB = 1)
3.40 GHz (PRB = 1)
Refer to Table 2-10 and
Figure 2-3
V
3, 4, 5, 6
VCC
550/551
540/541
530/531
520/521
VCC for 775_VR_CONFIG_04A
processors
3.40 GHz (PRB = 0)
3.20 GHz (PRB = 0)
3 GHz (PRB = 0)
2.80 GHz (PRB = 0)
Refer to Table 2-9 and
Figure 2-2
V
3, 4, 6, 7, 8
ICC
570/571
560/561
550
550/551
540/541
530/531
520/521
I
CC for processor with multiple
VID
3.80 GHZ (PRB = 1)
3.60 GHz (PRB = 1)
3.40 GHz (PRB = 1)
3.40 GHz (PRB = 0)
3.20 GHz (PRB = 0)
3 GHz (PRB = 0)
2.80 GHz (PRB = 0)
——
119
119
119
78
78
78
78
A
9
ISGNT
570/571
560/561
550
550/551
540/541
530/531
520/521
I
CC Stop-Grant
3.80 GHZ (PRB = 1)
3.60 GHz (PRB = 1)
3.40 GHz (PRB = 1)
3.40 GHz (PRB = 0)
3.20 GHz (PRB = 0)
3 GHz (PRB = 0)
2.80 GHz (PRB = 0)
——
56
56
56
40
40
40
40
A
10, 11, 15
IENHANCED_AUTO_
HALT
570/571
560/561
550/551
540/541
530/531
520/521
ICC Enhanced Auto Halt
3.80 GHZ (PRB = 1)
3.60 GHz (PRB = 1)
3.40 GHz (PRB = 0)
3.20 GHz (PRB = 0)
3 GHz (PRB = 0)
2.80 GHz (PRB = 0)
——
37
37
31
31
40
40
A
11, 15
ITCC
I
CC TCC active
—
—
I
CC
A
12
VTT
FSB termination voltage (DC+AC specifications)
1.14
1.20
1.26
V
13, 14
VTT_OUT ICC
DC Current that may be drawn from VTT_OUT per pin
—
—
580
mA
I
TT
FSB termination current
—
—
3.5
A
15, 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com