Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

571 Datasheet(PDF) 23 Page - Intel Corporation

Part # 571
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

571 Datasheet(HTML) 23 Page - Intel Corporation

Back Button 571 Datasheet HTML 19Page - Intel Corporation 571 Datasheet HTML 20Page - Intel Corporation 571 Datasheet HTML 21Page - Intel Corporation 571 Datasheet HTML 22Page - Intel Corporation 571 Datasheet HTML 23Page - Intel Corporation 571 Datasheet HTML 24Page - Intel Corporation 571 Datasheet HTML 25Page - Intel Corporation 571 Datasheet HTML 26Page - Intel Corporation 571 Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 96 page
background image
Datasheet
23
Electrical Specifications
2.8
Test Access Port (TAP) Connection
Due to the voltage levels supported by other components in the Test Access Port (TAP) logic, it is
recommended that the Pentium 4 processor in the 775-land package be first in the TAP chain and
followed by any other components within the system. A translation buffer should be used to
connect to the rest of the chain unless one of the other components is capable of accepting an input
of the appropriate voltage level. Similar considerations must be made for TCK, TMS, TRST#, TDI,
and TDO. Two copies of each signal may be required, with each driving a different voltage level.
2.9
FSB Frequency Select Signals (BSEL[2:0])
The BSEL[2:0] signals are used to select the frequency of the processor input clock (BCLK[1:0]).
Table 2-6 defines the possible combinations of the signals and the frequency associated with each
combination. The required frequency is determined by the processor, chipset, and clock
synthesizer. All agents must operate at the same frequency.
The Pentium 4 processor in the 775-land package currently operates at a 533 MHz or 800 MHz
FSB frequency (selected by a 133 MHz or 200 MHz BCLK[1:0] frequency). Individual processors
will only operate at their specified FSB frequency.
For more information about these signals, refer to Section 4.2.
Table 2-6. BSEL[2:0] Frequency Table for BCLK[1:0]
BSEL2
BSEL1
BSEL0
FSB Frequency
L
L
L
RESERVED
L
L
H
133 MHz
L
H
H
RESERVED
L
H
L
200 MHz
H
L
L
RESERVED
H
L
H
RESERVED
H
H
H
RESERVED
H
H
L
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com