Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

571 Datasheet(PDF) 16 Page - Intel Corporation

Part # 571
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

571 Datasheet(HTML) 16 Page - Intel Corporation

Back Button 571 Datasheet HTML 12Page - Intel Corporation 571 Datasheet HTML 13Page - Intel Corporation 571 Datasheet HTML 14Page - Intel Corporation 571 Datasheet HTML 15Page - Intel Corporation 571 Datasheet HTML 16Page - Intel Corporation 571 Datasheet HTML 17Page - Intel Corporation 571 Datasheet HTML 18Page - Intel Corporation 571 Datasheet HTML 19Page - Intel Corporation 571 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 96 page
background image
16
Datasheet
Electrical Specifications
2.3.1
VCC Decoupling
Regulator solutions need to provide bulk capacitance with a low Effective Series Resistance (ESR)
and keep a low interconnect resistance from the regulator to the socket. Bulk decoupling for the
large current swings when the part is powering on, or entering/exiting low power states, must be
provided by the voltage regulator solution (VR). For more details on this topic, refer to the Voltage
Regulator Down (VRD) 10.1 Design Guide For Desktop LGA775 Socket.
2.3.2
FSB GTL+ Decoupling
The Pentium 4 processor in the 775-land package integrates signal termination on the die as well as
incorporating high frequency decoupling capacitance on the processor package. Decoupling must
also be provided by the system baseboard for proper GTL+ bus operation.
2.3.3
FSB Clock (BCLK[1:0]) and Processor Clocking
BCLK[1:0] directly controls the FSB interface speed as well as the core frequency of the processor.
As in previous generation processors, the Pentium 4 processor in the 775-land package core
frequency is a multiple of the BCLK[1:0] frequency. The processor bus ratio multiplier will be set
at its default ratio during manufacturing. No user intervention is necessary, and the processor will
automatically run at the speed indicated on the package.
The Pentium 4 processor in the 775-land package uses a differential clocking implementation. For
more information on the Pentium 4 processor in the 775-land package clocking, refer to the
CK410/CK410M Clock Synthesizer/Driver Specification.
Table 2-1. Core Frequency to FSB Multiplier Configuration
Multiplication of System Core
Frequency to FSB Frequency
Core Frequency (200 MHz
BCLK/800 MHz FSB)
Notes1, 2
NOTES:
1.
Individual processors operate only at or below the rated frequency.
2.
Listed frequencies are not necessarily committed production frequencies.
1/14
2.80 GHz
-
1/15
3 GHz
-
1/16
3.20 GHz
-
1/17
3.40 GHz
-
1/18
3.60 GHz
-
1/19
3.80 GHz
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com