Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

571 Datasheet(PDF) 95 Page - Intel Corporation

Part # 571
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

571 Datasheet(HTML) 95 Page - Intel Corporation

Back Button 571 Datasheet HTML 88Page - Intel Corporation 571 Datasheet HTML 89Page - Intel Corporation 571 Datasheet HTML 90Page - Intel Corporation 571 Datasheet HTML 91Page - Intel Corporation 571 Datasheet HTML 92Page - Intel Corporation 571 Datasheet HTML 93Page - Intel Corporation 571 Datasheet HTML 94Page - Intel Corporation 571 Datasheet HTML 95Page - Intel Corporation 571 Datasheet HTML 96Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 95 / 96 page
background image
Datasheet
95
Boxed Processor Specifications
7.3.2
Variable Speed Fan
If the boxed processor fan heatsink 4-pin connector is connected to a 3-pin motherboard header it
will operate as follows:
The boxed processor fan will operate at different speeds over a short range of internal chassis
temperatures. This allows the processor fan to operate at a lower speed and noise level, while
internal chassis temperatures are low. If internal chassis temperature increases beyond a lower
set point, the fan speed will rise linearly with the internal temperature until the higher set point
is reached. At that point, the fan speed is at its maximum. As fan speed increases, so does fan
noise levels. Systems should be designed to provide adequate air around the boxed processor
fan heatsink that remains cooler then lower set point. These set points, represented in
Figure 7-9 and Table 7-2, can vary by a few degrees from fan heatsink to fan heatsink. The
internal chassis temperature should be kept below 38 ºC. Meeting the processor's temperature
specification (see Chapter 5) is the responsibility of the system integrator.
The motherboard must supply a constant +12 V to the processor's power header to ensure proper
operation of the variable speed fan for the boxed processor. Refer to Table 7-1 for the specific
requirements.
Figure 7-9. Boxed Processor Fan Heatsink Set Points
Lower Set Point
Lowest Noise Level
Internal Chassis Temperature (Degrees C)
X
YZ
Increasing Fan
Speed & Noise
Higher Set Point
Highest Noise Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com