Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP45X Datasheet(PDF) 10 Page - Intel Corporation

Part # IXP45X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X Datasheet(HTML) 10 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 6Page - Intel Corporation IXP45X Datasheet HTML 7Page - Intel Corporation IXP45X Datasheet HTML 8Page - Intel Corporation IXP45X Datasheet HTML 9Page - Intel Corporation IXP45X Datasheet HTML 10Page - Intel Corporation IXP45X Datasheet HTML 11Page - Intel Corporation IXP45X Datasheet HTML 12Page - Intel Corporation IXP45X Datasheet HTML 13Page - Intel Corporation IXP45X Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors—Datasheet
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
Datasheet
August 2006
10
Document Number: 306261-004US
— Full-speed capable
— Embedded transceiver
— 16 endpoints
• USB 2.0 host controller
— Low-speed and full-speed capable
— Embedded transceiver
— EHCI Compliant
— Separate interface from USB 1.1 device controller
• DDRI-266 SDRAM interface
— Internally multi-ported Memory Controller Unit (Three Internal Ports)
— 32-bit data
—13-bit address
— 133.32 MHz (which is 4 * OSC_IN input pin)
— Supports 128/256/512/1,024-Mbit technologies
— Unbuffered DDRI SDRAM support only
— Up to eight open pages simultaneously maintained
— Support for 32 Mbyte, minimum; 1 Gbyte, maximum
— User-enabled, single-bit error correction/multi-bit error detection ECC support
(ECC not supported on Intel® IXP455 Network Processor)
• Expansion interface
— Master/Target interface
—25-bit address
— 32-bit data
— Eight programmable outbound chip selects
— One inbound chip select
— Four request/grant pairs
— Outbound transfers (IXP45X/IXP46X network processors are the master to
external target devices)
— Inbound transfers (IXP45X/IXP46X network processors are a target to external
masters)
— Bus tri-state for sideband transfers (External masters accesses to external
target device)
— Outbound transfer support
• Supports Intel/Motorola* microprocessors
• Multiplexed-style bus cycles
• Simplex-style bus cycles
• Support for Texas Instruments* DSPs using HPI*-8 bus cycles
• Support for Texas Instruments DSPs using HPI-16 bus cycles
• Synchronous flash support
• Flow through ZBT SRAM burst support
• Up to 80-MHz operation at 40 pF load
• Supports even/odd-parity generation and checking in all extended modes and
in some legacy modes (Intel and Motorola style bus cycles)
— Inbound transfer support
• Single transfer or burst transfers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com