Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP45X Datasheet(PDF) 58 Page - Intel Corporation

Part # IXP45X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X Datasheet(HTML) 58 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 54Page - Intel Corporation IXP45X Datasheet HTML 55Page - Intel Corporation IXP45X Datasheet HTML 56Page - Intel Corporation IXP45X Datasheet HTML 57Page - Intel Corporation IXP45X Datasheet HTML 58Page - Intel Corporation IXP45X Datasheet HTML 59Page - Intel Corporation IXP45X Datasheet HTML 60Page - Intel Corporation IXP45X Datasheet HTML 61Page - Intel Corporation IXP45X Datasheet HTML 62Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 148 page
background image
Package Information
August 2006
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Datasheet
58
Document Number: 306261-004US
UTP_IP_DATA[6] /
ETHA_CRS
ZVI
VI
VI
I
UTOPIA Mode of Operation:
UTOPIA input data. Also known as RX_DATA.
Used by to the processor to receive data from an ATM UTOPIA Level 2-compliant PHY.
MII Mode of Operation:
Asserted by the PHY when the transmit medium or receive medium are active. De-asserted when
both the transmit and receive medium are idle. Remains asserted throughout the duration of
collision condition. PHY asserts CRS asynchronously and de-asserts synchronously with respect to
ETHA_RXCLK.
SMII mode of operation:
Not used.
When this interface/signal is enabled and is not being used in a system design, the interface/
signal should be pulled high with a 10-KΩ resistor. When this interface is disabled via the UTOPIA
and/or the NPE-A Ethernet soft fuse (refer to Expansion Bus Controller chapter of the Intel®
IXP45X and Intel® IXP46X Product Line of Network Processors Developer’s Manual) and is not
being used in a system design, this interface/signal is not required for any connection.
UTP_IP_DATA[7] /
SMII_RXDATA[4]
ZVI
VI
VI
I
UTOPIA Mode of Operation:
UTOPIA input data. Also known as RX_DATA.
Used by to the processor to receive data from an ATM UTOPIA Level 2-compliant PHY.
MII Mode of Operation:
Not Used.
SMII mode of operation:
Input data for SMII interface number four. The data on this signal is received synchronously with
respect to the rising edge of SMII_CLK when operating as an SMII interface and synchronously
with respect to the rising edge of SMII_RXCLK when operating as a Source Synchronous SMII
interface.
When this interface/signal is enabled and is not being used in a system design, the interface/
signal should be pulled high with a 10-KΩ resistor. When this interface is disabled via the UTOPIA
and/or the NPE-A Ethernet soft fuse (refer to Expansion Bus Controller chapter of the Intel®
IXP45X and Intel® IXP46X Product Line of Network Processors Developer’s Manual) and is not
being used in a system design, this interface/signal is not required for any connection.
Table 14.
UTOPIA Level 2/MII_A/ SMII Interface (Sheet 6 of 7)
Name
Power
on
Reset†
Reset†
Normal
After
Reset
Until
Software
Enables
Possible
Configur
ations
After
Software
Enables
Type†
Description
Note:
This table discusses all features supported on the Intel® IXP45X and Intel® IXP46X Product Line of Network Processors. For details on feature support listed by processor,
see Table 1 on page 13.
†
For a legend of the Type codes, see Table 8 on page 43.
††
For information on selecting the desired interface, see the Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Developer’s Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com