Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP45X Datasheet(PDF) 41 Page - Intel Corporation

Part # IXP45X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X Datasheet(HTML) 41 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 37Page - Intel Corporation IXP45X Datasheet HTML 38Page - Intel Corporation IXP45X Datasheet HTML 39Page - Intel Corporation IXP45X Datasheet HTML 40Page - Intel Corporation IXP45X Datasheet HTML 41Page - Intel Corporation IXP45X Datasheet HTML 42Page - Intel Corporation IXP45X Datasheet HTML 43Page - Intel Corporation IXP45X Datasheet HTML 44Page - Intel Corporation IXP45X Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
August 2006
Datasheet
Document Number: 306261-004US
41
Datasheet—Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
4.1.3
Part Numbers
The tables in this section list the part numbers for the IXP46X product line of network
processors (Table 6) and the IXP45X product line of network processors (Table 7).
Figure 8.
Package Markings:
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors —
Commercial and Extended Temperature, Lead-Based
Notes:
1.
Part Number field — For the different part numbers of Intel® IXP45X and Intel® IXP46X Product Line of Network
Processors, see Section 4.1.3.
2.
Package ball counts — Intel® IXP45X and Intel® IXP46X Product Line of Network Processors have a ball count of 544.
3.
Drawing is not to scale. Marking content is an example.
Part Number
Finish Site Traceability Code
Intel Copyright
Assembly Site Traceability Code
Pin # 1
GWIXP465AET
FPO#
INTEL
'04
ATPO#
YWW KOREA
i
M C
Drop-In Heat Spreader
(24-mm Diameter)
Assembly Year (Y) and
Work Week (WW) and
Country of Origin
B4923-001
1
Table 6.
Part Numbers for the Intel® IXP46X Product Line of Network Processors
(Sheet 1 of 2)
Device
Stepping
Speed
(MHz)
Temperature
Offering
Lead
Free
Part #
Intel® IXP465
A2
667
Commercial
Yes
EWIXP465BAE
Intel® IXP465
A2
533
Commercial
Yes
EWIXP465BAD
Intel® IXP465
A2
533
Extended
Yes
EWIXP465BADT
Intel® IXP465
A2
667
Commercial
GWIXP465BAE
Intel® IXP465
A2
533
Commercial
GWIXP465BAD
Intel® IXP465
A2
266
Commercial
GWIXP465BAB
Intel® IXP465
A2
533
Extended
GWIXP465BADT
Intel® IXP460
A2
533
Commercial
Yes
EWIXP460BAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com