Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP45X Datasheet(PDF) 61 Page - Intel Corporation

Part # IXP45X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X Datasheet(HTML) 61 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 57Page - Intel Corporation IXP45X Datasheet HTML 58Page - Intel Corporation IXP45X Datasheet HTML 59Page - Intel Corporation IXP45X Datasheet HTML 60Page - Intel Corporation IXP45X Datasheet HTML 61Page - Intel Corporation IXP45X Datasheet HTML 62Page - Intel Corporation IXP45X Datasheet HTML 63Page - Intel Corporation IXP45X Datasheet HTML 64Page - Intel Corporation IXP45X Datasheet HTML 65Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 148 page
background image
Package Information
August 2006
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Datasheet
61
Document Number: 306261-004US
ETHB_RXDATA[3:0] /
SMII_RXDATA[0] /
SMII_RXDATA[1] /
SMII_RXDATA[2] /
SMII_RXDATA[3]
ZVI
VI
VI
I
MII Mode of Operation:
Receive data bus from PHY, data sampled synchronously with respect to ETHB_RXCLK. This MAC
interface does not contain hardware hashing capabilities local to the interface.
SMII Mode of Operation:
Each SMII_RXDATA line is a separate physical port
ETHB_RXDATA[3] is multiplexed with SMII_RXDATA[3],
ETHB_RXDATA[2] is multiplexed with SMII_RXDATA[2],
ETHB_RXDATA[1] is multiplexed with SMII_RXDATA[1],
ETHB_RXDATA[0] is multiplexed with SMII_RXDATA[0]
The data on these signal are received synchronously with respect to the rising edge of SMII_CLK
when operating as an SMII interface and synchronously with respect to the rising edge of
SMII_RXCLK when operating as a Source Synchronous SMII interface
When this interface/signal is enabled and is not being used in a system design, the interface/
signal should be pulled high with a 10-KΩ resistor. When this interface is disabled via the NPE-B
Ethernet 0 and/or the NPE Ethernet 1-3 soft fuse (refer to Expansion Bus Controller chapter of
the Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Developer’s Manual)
and is not being used in a system design, this interface/signal is not required for any connection.
One special configuration exists for the board designer. When NPE B is configured in SMII mode
of operation and a subset of the four SMII ports are utilized (i.e. All four are enabled but only two
are being connected). The unused inputs must be tied high with a 10-KΩ resistor.
ETHB_RXDV /
SMII_RXSYNC
ZVI
VI
VI
I
MII Mode of Operation:
Receive data valid, used to inform the MII interface that the Ethernet PHY is sending data. This
MAC interface does not contain hardware hashing capabilities local to the interface.
SMII Mode of Operation:
In Source Synchronous mode of operation, this signal is an input from a synchronous pulse
created once every 10 SMII_RXCLK reference clocks to signal the start of the next 10 bits of data
to be received. SMII_RXCLK Reference clock operates at 125MHz.
When this interface/signal is enabled and is not being used in a system design, the interface/
signal should be pulled high with a 10-KΩ resistor. When this interface is disabled via the NPE-B
Ethernet 0 and/or the NPE Ethernet 1-3 soft fuse (refer to Expansion Bus Controller chapter of
the Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Developer’s Manual)
and is not being used in a system design, this interface/signal is not required for any connection.
Table 15.
MII/SMII Interfaces (Sheet 3 of 7)
Name
Power
on
Reset†
Reset†
Normal
After
Reset
Until
Software
Enables
Possible
Configur
ations
After
Software
Enables
Type†
Description
Note:
This table discusses all features supported on the Intel® IXP45X and Intel® IXP46X Product Line of Network Processors. For details on feature support listed by processor,
see Table 1 on page 13.
†
For a legend of the Type codes, see Table 8 on page 43.
††
Please refer to Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Developer’s Manual for information on how to select the interface desired



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com