Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP45X Datasheet(PDF) 60 Page - Intel Corporation

Part # IXP45X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X Datasheet(HTML) 60 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 56Page - Intel Corporation IXP45X Datasheet HTML 57Page - Intel Corporation IXP45X Datasheet HTML 58Page - Intel Corporation IXP45X Datasheet HTML 59Page - Intel Corporation IXP45X Datasheet HTML 60Page - Intel Corporation IXP45X Datasheet HTML 61Page - Intel Corporation IXP45X Datasheet HTML 62Page - Intel Corporation IXP45X Datasheet HTML 63Page - Intel Corporation IXP45X Datasheet HTML 64Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 148 page
background image
Package Information
August 2006
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Datasheet
60
Document Number: 306261-004US
ETHB_TXDATA[3:0] /
SMII_TXDATA[0] /
SMII_TXDATA[1] /
SMII_TXDATA[2] /
SMII_TXDATA[3]
Z
0
VO
VO
O
MII Mode of Operation:
Transmit data bus to PHY, asserted synchronously with respect to ETHB_TXCLK. This MAC
interface does not contain hardware hashing capabilities local to the interface.
SMII Mode of Operation:
Each SMII_TXDATA line is an interface to a separate physical port.
ETHB_TXDATA[3] is multiplexed with SMII_TXDATA[3],
ETHB_TXDATA[2] is multiplexed with SMII_TXDATA[2],
ETHB_TXDATA[1] is multiplexed with SMII_TXDATA[1],
ETHB_TXDATA[0] is multiplexed with SMII_TXDATA[0]
The data on these signal are transmitted synchronously with respect to the rising edge of
SMII_CLK when operating as an SMII interface and synchronously with respect to the rising edge
of SMII_TXCLK when operating as a Source Synchronous SMII interface
ETHB_TXEN /
SMII_TXCLK
Z
0
VO
VO
O
MII Mode of Operation:
Indicates that the PHY is being presented with nibbles on the MII interface. Asserted
synchronously, with respect to ETHB_TXCLK, at the first nibble of the preamble and remains
asserted until all the nibbles of a frame are presented. This MAC interface does not contain
hardware hashing capabilities local to the interface.
SMII Mode of Operation:
125-MHz clock that is used to send data to a physical interface when operating in a Source
Synchronous SMII mode of operation.
ETHB_RXCLK /
SMII_RXCLK
ZVI
VO
VO
I
MII Mode of Operation:
Externally supplied receive clock.
• 25 MHz for 100 Mbps operation
• 2.5 MHz for 10 Mbps operation
This MAC interface does not contain hardware hashing capabilities local to the interface.
SMII Mode of Operation:
125-MHz clock that is used to sample data being received from a physical interface when
operating in a Source Synchronous SMII mode of operation.
When this interface/signal is enabled and is not being used in a system design, the interface/
signal should be pulled high with a 10-KΩ resistor.
Table 15.
MII/SMII Interfaces (Sheet 2 of 7)
Name
Power
on
Reset†
Reset†
Normal
After
Reset
Until
Software
Enables
Possible
Configur
ations
After
Software
Enables
Type†
Description
Note:
This table discusses all features supported on the Intel® IXP45X and Intel® IXP46X Product Line of Network Processors. For details on feature support listed by processor,
see Table 1 on page 13.
†
For a legend of the Type codes, see Table 8 on page 43.
††
Please refer to Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Developer’s Manual for information on how to select the interface desired



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com