Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP45X Datasheet(PDF) 15 Page - Intel Corporation

Part # IXP45X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X Datasheet(HTML) 15 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 11Page - Intel Corporation IXP45X Datasheet HTML 12Page - Intel Corporation IXP45X Datasheet HTML 13Page - Intel Corporation IXP45X Datasheet HTML 14Page - Intel Corporation IXP45X Datasheet HTML 15Page - Intel Corporation IXP45X Datasheet HTML 16Page - Intel Corporation IXP45X Datasheet HTML 17Page - Intel Corporation IXP45X Datasheet HTML 18Page - Intel Corporation IXP45X Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
August 2006
Datasheet
Document Number: 306261-004US
15
Datasheet—Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
Figure 1.
Intel® IXP465 Network Processor Block Diagram
UART 1
921 KBaud
UART 0
921 KBaud
IBPMU
Interrupt
Controller
GPIO
Timers
IEEE 1588
USB Device
Version 1.1
SSP
I2C
16 GPIO
NPE A
NPE B
NPE C
AES/DES/SHA/
MD-5
HSS 0
HSS 1
UTOPIA 2/MII/SMII
MII/SMII
MII/SMII
Intel XScale® Processor
32-Kbyte I-Cache
32-Kbyte D-Cache
2-Kbyte Mini D-Cache
DDRI Memory
Controller Unit
32 Bit + ECC
AHB/AHB
Bridge
PCI Controller
Expansion Bus
Controller
USB-Host
Controller V. 2.0
High-Speed is not
Supported
Queue
Manager
AHB Slave/
APB
Master
Bridge
South AHB 133.32 MHz x 32 bits
South AHB
Arbiter
North AHB
Arbiter
Master on South AHB
Master on North AHB
North AHB 133.32 MHz x 32 bits
Cryptography
Unit
Hardware RNG
Hashing SHA1
Exponentiation Unit
32 bit at 33/66 MHz
8/16/32 bit + Parity
Bus Arbiters
Slave Only
AHB Slave / APB Master
B3777-007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com