Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM802LM6F Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM802LM6F
Description  5 V supervisor with battery switchover
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM802LM6F Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM802LM6F Datasheet HTML 2Page - STMicroelectronics STM802LM6F Datasheet HTML 3Page - STMicroelectronics STM802LM6F Datasheet HTML 4Page - STMicroelectronics STM802LM6F Datasheet HTML 5Page - STMicroelectronics STM802LM6F Datasheet HTML 6Page - STMicroelectronics STM802LM6F Datasheet HTML 7Page - STMicroelectronics STM802LM6F Datasheet HTML 8Page - STMicroelectronics STM802LM6F Datasheet HTML 9Page - STMicroelectronics STM802LM6F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
Description
STM690A/692A/703/704/802/805/817/818/819
6/43
Doc ID 10522 Rev 10
1
Description
The STM690A/692A/703/704/802/805/817/818/819 supervisors are self-contained devices
which provide microprocessor supervisory functions with the ability to non-volatize and
write-protect external LPSRAM. A precision voltage reference and comparator monitors the
VCC input for an out-of-tolerance condition. When an invalid VCC condition occurs, the reset
output (RST) is forced low (or high in the case of RST). These devices also offer a watchdog
timer (except for STM703/704/819) as well as a power-fail comparator (except for STM818)
to provide the system with an early warning of impending power failure.
These devices are available in a standard 8-pin SOIC package or a space-saving 8-pin
TSSOP package.
Figure 1.
Logic diagram (STM690A/692/802/805/817)
1. For STM805, reset output is active-high.
Figure 2.
Logic diagram (STM703/704/819)
AI07894
VCC VBAT
STM690A/
692A/802/
805/817
VSS
VOUT
RST(RST)(1)
WDI
PFI
PFO
AI07895
VCC VBAT
STM703/
704/819
VSS
VOUT
RST
MR
PFI
PFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com