Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM802LM6F Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM802LM6F
Description  5 V supervisor with battery switchover
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM802LM6F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM802LM6F Datasheet HTML 4Page - STMicroelectronics STM802LM6F Datasheet HTML 5Page - STMicroelectronics STM802LM6F Datasheet HTML 6Page - STMicroelectronics STM802LM6F Datasheet HTML 7Page - STMicroelectronics STM802LM6F Datasheet HTML 8Page - STMicroelectronics STM802LM6F Datasheet HTML 9Page - STMicroelectronics STM802LM6F Datasheet HTML 10Page - STMicroelectronics STM802LM6F Datasheet HTML 11Page - STMicroelectronics STM802LM6F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
Description
STM690A/692A/703/704/802/805/817/818/819
8/43
Doc ID 10522 Rev 10
Figure 5.
STM703/704/819 connections
Figure 6.
STM818 connections
1.1
Pin descriptions
1.1.1
MR
A logic low on MR asserts the reset output. Reset remains asserted as long as MR is low
and for trec after MR returns high. This active-low input has an internal pull-up. It can be
driven from a TTL or CMOS logic line, or shorted to ground with a switch. Leave open if
unused.
1.1.2
WDI
If WDI remains high or low for 1.6 sec, the internal watchdog timer runs out and reset is
triggered. The internal watchdog timer clears while reset is asserted or when WDI sees a
rising or falling edge.
The watchdog function can be disabled by allowing the WDI pin to float.
1.1.3
RST
Pulses low for trec when triggered, and stays low whenever VCC is below the reset threshold
or when MR is a logic low. It remains low for trec after either VCC rises above the reset
threshold, the watchdog triggers a reset, or MR goes from low to high.
1.1.4
RST
Pulses high for trec when triggered, and stays high whenever VCC is above the reset
threshold or when MR is a logic high. It remains high for trec after either VCC falls below the
reset threshold, the watchdog triggers a reset, or MR goes from high to low.
1
PFO
PFI
MR
RST
VCC
VOUT
VBAT
VSS
AI07890
SO8/TSSOP8
2
3
4
8
7
6
5
1
ECON
E
WDI
RST
VCC
VOUT
VBAT
VSS
AI07892
SO8/TSSOP8
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com