Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM802LM6F Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM802LM6F
Description  5 V supervisor with battery switchover
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM802LM6F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM802LM6F Datasheet HTML 14Page - STMicroelectronics STM802LM6F Datasheet HTML 15Page - STMicroelectronics STM802LM6F Datasheet HTML 16Page - STMicroelectronics STM802LM6F Datasheet HTML 17Page - STMicroelectronics STM802LM6F Datasheet HTML 18Page - STMicroelectronics STM802LM6F Datasheet HTML 19Page - STMicroelectronics STM802LM6F Datasheet HTML 20Page - STMicroelectronics STM802LM6F Datasheet HTML 21Page - STMicroelectronics STM802LM6F Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
Operation
STM690A/692A/703/704/802/805/817/818/819
18/43
Doc ID 10522 Rev 10
2.11
Negative-going VCC transients
The STM690A/692A/703/704/802/805/817/818/819 Supervisors are relatively immune to
negative-going VCC transients (glitches). Figure 37 shows typical transient duration versus
reset comparator overdrive (for which the STM690A/692A/703/704/802/805/817/818/819
will NOT generate a reset pulse). The graph was generated using a negative pulse applied
to VCC, starting at VRST + 0.3 V and ending below the reset threshold by the magnitude
indicated (comparator overdrive). The graph indicates the maximum pulse width a negative
VCC transient can have without causing a reset pulse. As the magnitude of the transient
increases (further below the threshold), the maximum allowable pulse width decreases. Any
combination of duration and overdrive which lies under the curve will NOT generate a reset
signal. Typically, a VCC transient that goes 100 mV below the reset threshold and lasts 40 µs
or less will not cause a reset pulse. A 0.1 µF bypass capacitor mounted as close as possible
to the VCC pin provides additional transient immunity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com