Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM802LM6F Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM802LM6F
Description  5 V supervisor with battery switchover
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM802LM6F Datasheet(HTML) 1 Page - STMicroelectronics

  STM802LM6F Datasheet HTML 1Page - STMicroelectronics STM802LM6F Datasheet HTML 2Page - STMicroelectronics STM802LM6F Datasheet HTML 3Page - STMicroelectronics STM802LM6F Datasheet HTML 4Page - STMicroelectronics STM802LM6F Datasheet HTML 5Page - STMicroelectronics STM802LM6F Datasheet HTML 6Page - STMicroelectronics STM802LM6F Datasheet HTML 7Page - STMicroelectronics STM802LM6F Datasheet HTML 8Page - STMicroelectronics STM802LM6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
August 2010
Doc ID 10522 Rev 10
1/43
1
STM690A, STM692A, STM703
STM704, STM802, STM805, STM817/8/9
5 V supervisor with battery switchover
Features
■ 5 V operating voltage
■ NVRAM supervisor for external LPSRAM
■ Chip-enable gating (STM818 only) for external
LPSRAM (7 ns max prop delay)
■ RST and RST outputs
■ 200 ms (typ) trec
■ Watchdog timer - 1.6 sec (typ)
■ Automatic battery switchover
■ Low battery supply current - 0.4 µA (typ)
■ Power-fail comparator (PFI/PFO)
■ Low supply current - 40 µA (typ)
■ Guaranteed RST (RST) assertion down to
VCC = 1.0 V
■ Operating temperature:
–40 °C to +85 °C (industrial grade)
■ RoHS compliance
– Lead-free components are compliant with
the RoHS directive
1.
Contact local ST sales office for availability.
8
1
TSSOP8 3 x 3 (DS)(1)
SO8 (M)
Table 1.
Device summary
Part number
Watchdog
input
Active-low
RST(1)
Active-
high RST
Manual
reset
input(1)
Battery
switch-
over
Power-fail
comparator
Chip-
enable
gating
Battery
freshness
seal
STM690A
✓✓
✓
✓
STM692A
✓✓
✓
✓
STM703
✓✓
✓
✓
STM704
✓✓
✓
✓
STM802L/M
✓✓
✓
✓
STM805L
✓✓
✓
✓
STM817L/M
✓✓
✓
✓
✓
STM818L/M
✓✓
✓
✓
✓
STM819L/M
✓✓
✓
✓
✓
1.
All RST and RST outputs are push-pull.
www.st.com


Similar Part No. - STM802LM6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM802 STMICROELECTRONICS-STM802 Datasheet
445Kb / 31P
3V Supervisor with Battery Switchover
31-Oct-2003
STM802 STMICROELECTRONICS-STM802 Datasheet
657Kb / 32P
3V Supervisor with Battery Switchover
31-Oct-2003
STM802 STMICROELECTRONICS-STM802 Datasheet
148Kb / 8P
SOLENOID CONTROLLER IC
Oct-2003
STM802 STMICROELECTRONICS-STM802 Datasheet
773Kb / 37P
5V Supervisor with Battery Switchover
Jan-2006
STM802 STMICROELECTRONICS-STM802 Datasheet
960Kb / 42P
3 V supervisor with battery switchover
18-Aug-2010
More results

Similar Description - STM802LM6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM690 STMICROELECTRONICS-STM690 Datasheet
445Kb / 31P
3V Supervisor with Battery Switchover
31-Oct-2003
STM1403 STMICROELECTRONICS-STM1403 Datasheet
162Kb / 9P
3V FIPS-140 Security Supervisor with Battery Switchover
Oct-2005
STM1404 STMICROELECTRONICS-STM1404 Datasheet
199Kb / 9P
Security Supervisor with Battery Switchover
Jan-2006
M41T82 STMICROELECTRONICS-M41T82 Datasheet
453Kb / 58P
Serial RTC with battery switchover
08-Mar-2007
STM690 STMICROELECTRONICS-STM690_06 Datasheet
657Kb / 32P
3V Supervisor with Battery Switchover
31-Oct-2003
STM1403 STMICROELECTRONICS-STM1403_08 Datasheet
361Kb / 34P
3 V FIPS-140 security supervisor with battery switchover
20-Aug-2008
STM1404 STMICROELECTRONICS-STM1404_08 Datasheet
370Kb / 35P
3 V FIPS-140 security supervisor with battery switchover
21-Aug-2008
STM690A STMICROELECTRONICS-STM690A Datasheet
773Kb / 37P
5V Supervisor with Battery Switchover
Jan-2006
STM690 STMICROELECTRONICS-STM690_10 Datasheet
960Kb / 42P
3 V supervisor with battery switchover
18-Aug-2010
STM705 STMICROELECTRONICS-STM705_10 Datasheet
838Kb / 32P
5 V supervisor
06-Aug-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com