Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM802LM6F Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM802LM6F
Description  5 V supervisor with battery switchover
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM802LM6F Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM802LM6F Datasheet HTML 35Page - STMicroelectronics STM802LM6F Datasheet HTML 36Page - STMicroelectronics STM802LM6F Datasheet HTML 37Page - STMicroelectronics STM802LM6F Datasheet HTML 38Page - STMicroelectronics STM802LM6F Datasheet HTML 39Page - STMicroelectronics STM802LM6F Datasheet HTML 40Page - STMicroelectronics STM802LM6F Datasheet HTML 41Page - STMicroelectronics STM802LM6F Datasheet HTML 42Page - STMicroelectronics STM802LM6F Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
Part numbering
STM690A/692A/703/704/802/805/817/818/819
40/43
Doc ID 10522 Rev 10
7
Part numbering
Table 10.
Ordering information scheme
For other options or for more information on any aspect of this device, please contact the ST
sales office nearest you.
Example:
STM690A
M
6
E
Device type
STM690A/692A/703/704/802/805/817/818/819
Threshold voltage
STM690A, STM703: blank: VRST = 4.50 V to 4.75 V
STM692A, STM704: blank: VRST = 4.25 V to 4.50 V
STM8xx:
L: VRST = 4.50 V to 4.75 V
M: VRST = 4.25 V to 4.50 V
Package
M = SO8
DS(1) = TSSOP8
1.
Contact local ST sales office for availability.
Temperature range
6: –40 °C to 85 °C
Shipping method
E = ECOPACK® package, tubes
F = ECOPACK® package, tape & reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com