Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM802LM6F Datasheet(PDF) 35 Page - STMicroelectronics

Part # STM802LM6F
Description  5 V supervisor with battery switchover
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM802LM6F Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STM802LM6F Datasheet HTML 31Page - STMicroelectronics STM802LM6F Datasheet HTML 32Page - STMicroelectronics STM802LM6F Datasheet HTML 33Page - STMicroelectronics STM802LM6F Datasheet HTML 34Page - STMicroelectronics STM802LM6F Datasheet HTML 35Page - STMicroelectronics STM802LM6F Datasheet HTML 36Page - STMicroelectronics STM802LM6F Datasheet HTML 37Page - STMicroelectronics STM802LM6F Datasheet HTML 38Page - STMicroelectronics STM802LM6F Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
STM690A/692A/703/704/802/805/817/818/819
DC and AC parameters
Doc ID 10522 Rev 10
35/43
VOH
Output high voltage
(RST, RST)
ISOURCE = 1 mA
VCC = VRST (max)
2.4
V
Output high voltage
(ECON)
VCC = VRST (max),
IOUT = 1.6 mA, E= VCC
0.8VCC
V
Output high voltage
(PFO)
ISOURCE = 75 µA,
VCC = VRST (max)
0.8VCC
V
VOH
Output high voltage
ISOURCE = 4 µA, VCC = 1.1 V,
VBAT = VCC , TA = 0°C to 85°C
0.8
V
ISOURCE = 4 µA, VCC = 1.2 V,
VBAT = VCC
0.9
V
VOHB
VOH battery backup
(RST, RST)
ISOURCE = 100 µA,
VCC = 0, VBAT = 2.8 V
0.8VBAT
V
VOH battery backup
(ECON)
ISOURCE = 75 µA,
VCC = 0, VBAT = 2.8 V
0.8VBAT
V
Power-fail comparator (NOT available on STM818)
VPFI
PFI input threshold
PFI falling
(VCC = 5 V)
All other
versions
1.20
1.25
1.30
V
STM802
1.225
1.250
1.275
V
tPFD
PFI to PFO propagation
delay
2µs
ISC
PFO output short to GND
current
VCC = 5 V, VPFO = 0 V
0.1
0.75
2.0
mA
Battery switchover
VSO
Battery backup
switchover voltage(7)(8)
(VCC < VBAT &
VCC < VRST)
Power-down
VRST > VBAT
VBAT
V
VRST < VBAT
VRST
V
Power-up
VRST > VBAT
VBAT
V
VRST < VBAT
VRST
V
Hysteresis
40
mV
Reset thresholds
VRST
Reset threshold(9)
STM690A/703, STM8XXL
4.50
4.65
4.75
V
STM692A/704, STM8XXM
4.25
4.40
4.50
V
Reset threshold
hysteresis
25
mV
VCC to RST delay (from
VRST, VCC falling at
10 V/ms)
STM817/818/819
100
µs
Table 7.
DC and AC characteristics (continued)
Sym
Alter-
native
Description
Test condition(1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com