Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 106 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 102Page - STMicroelectronics ST10F276Z5 Datasheet HTML 103Page - STMicroelectronics ST10F276Z5 Datasheet HTML 104Page - STMicroelectronics ST10F276Z5 Datasheet HTML 105Page - STMicroelectronics ST10F276Z5 Datasheet HTML 106Page - STMicroelectronics ST10F276Z5 Datasheet HTML 107Page - STMicroelectronics ST10F276Z5 Datasheet HTML 108Page - STMicroelectronics ST10F276Z5 Datasheet HTML 109Page - STMicroelectronics ST10F276Z5 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 239 page
background image
System reset
ST10F276Z5
106/239
19
System reset
System reset initializes the MCU in a predefined state. There are six ways to activate a reset
state. The system start-up configuration is different for each case as shown in Table 61.
19.1
Input filter
On RSTIN input pin an on-chip RC filter is implemented. It is sized to filter all the spikes
shorter than 50 ns. On the other side, a valid pulse shall be longer than 500 ns to grant that
ST10 recognizes a reset command. In between 50 ns and 500 ns a pulse can either be
filtered or recognized as valid, depending on the operating conditions and process
variations.
For this reason all minimum durations mentioned in this Chapter for the different kind of
reset events shall be carefully evaluated taking into account of the above requirements.
In particular, for Short Hardware Reset, where only 4 TCL is specified as minimum input
reset pulse duration, the operating frequency is a key factor. Examples:
●
For a CPU clock of 64 MHz, 4 TCL is 31.25 ns, so it would be filtered. In this case the
minimum becomes the one imposed by the filter (that is 500 ns).
●
For a CPU clock of 4 MHz, 4 TCL is 500 ns. In this case the minimum from the formula
is coherent with the limit imposed by the filter.
Table 61.
Reset event definition(1)
1.
See next Section 19.1 for more details on minimum reset pulse duration.
Reset Source
Flag
RPD
Status
Conditions
Power-on reset
PONR
Low
Power-on
Asynchronous Hardware reset
LHWR
Low
(2)
2.
RSTIN pulse should be longer than 500 ns (Filter) and than settling time for configuration of Port0.
Synchronous Long Hardware
reset
High
tRSTIN > (1032 + 12) TCL + max(4 TCL,
500 ns)
Synchronous Short Hardware
reset
SHWR
High
tRSTIN > max(4 TCL, 500 ns)
tRSTIN ≤ (1032 + 12) TCL + max(4 TCL,
500 ns)
Watchdog Timer reset
WDTR
(3)
3.
The RPD status has no influence unless Bidirectional Reset is activated (bit BDRSTEN in SYSCON): RPD
low inhibits the Bidirectional reset on SW and WDT reset events, that is RSTIN is not activated (refer to
Section 19.4, Section 19.5 and Section 19.6).
WDT overflow
Software reset
SWR
SRST instruction execution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com