Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 108 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 104Page - STMicroelectronics ST10F276Z5 Datasheet HTML 105Page - STMicroelectronics ST10F276Z5 Datasheet HTML 106Page - STMicroelectronics ST10F276Z5 Datasheet HTML 107Page - STMicroelectronics ST10F276Z5 Datasheet HTML 108Page - STMicroelectronics ST10F276Z5 Datasheet HTML 109Page - STMicroelectronics ST10F276Z5 Datasheet HTML 110Page - STMicroelectronics ST10F276Z5 Datasheet HTML 111Page - STMicroelectronics ST10F276Z5 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 239 page
background image
System reset
ST10F276Z5
108/239
sufficient: anyway, a maximum of 100 nF on V18 pin should
not generate problems of over-current (higher value is
allowed if current is limited by the external hardware).
External current limitation is anyway recommended also to
avoid risks of damage in case of temporary short between
V18 and ground: the internal 1.8 V drivers are sized to drive
currents of several tens of Ampere, so the current shall be
limited by the external hardware. The limit of current is
imposed by power dissipation considerations (Refer to
Electrical Characteristics Section).
In next Figure 24 and Figure 25 Asynchronous Power-on timing diagrams are reported,
respectively with boot from internal or external memory, highlighting the reset phase
extension introduced by the embedded FLASH module when selected.
Note:
Never power the device without keeping RSTIN pin grounded: the device could enter in
unpredictable states, risking also permanent damages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com