Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 122 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 118Page - STMicroelectronics ST10F276Z5 Datasheet HTML 119Page - STMicroelectronics ST10F276Z5 Datasheet HTML 120Page - STMicroelectronics ST10F276Z5 Datasheet HTML 121Page - STMicroelectronics ST10F276Z5 Datasheet HTML 122Page - STMicroelectronics ST10F276Z5 Datasheet HTML 123Page - STMicroelectronics ST10F276Z5 Datasheet HTML 124Page - STMicroelectronics ST10F276Z5 Datasheet HTML 125Page - STMicroelectronics ST10F276Z5 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 239 page
background image
System reset
ST10F276Z5
122/239
internal signal RSTF) is sufficiently held low by the external hardware to inject a Long
Hardware reset. After this occurrence, the initialization routine is not able to recognize a
Software or Watchdog bidirectional reset event, since a different source is flagged inside
WDTCON register. This phenomenon does not occur when internal FLASH is selected
during reset (EA = 1), since the initialization of the FLASH itself extend the internal reset
duration well beyond the filter delay.
Next Figure 34, Figure 35 and Figure 36 summarize the timing for Software and Watchdog
Timer Bidirectional reset events: In particular Figure 36 shows the degeneration into
Hardware reset.
Figure 34.
SW / WDT bidirectional RESET (EA=1)
P0[15:13]
not transparent
RSTF
P0[12:8]
transparent
not t.
P0[1:0]
not t.
not transparent
RST
1024 TCL
RSTOUT
(After Filter)
RSTIN
≤ 500 ns
≥ 50 ns
≤ 500 ns
≥ 50 ns
IBUS-CS
7 TCL
FLARST
≤ 1 ms
≤ 2 TCL
(Internal)
P0[7:2]
not transparent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com