Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 124 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 120Page - STMicroelectronics ST10F276Z5 Datasheet HTML 121Page - STMicroelectronics ST10F276Z5 Datasheet HTML 122Page - STMicroelectronics ST10F276Z5 Datasheet HTML 123Page - STMicroelectronics ST10F276Z5 Datasheet HTML 124Page - STMicroelectronics ST10F276Z5 Datasheet HTML 125Page - STMicroelectronics ST10F276Z5 Datasheet HTML 126Page - STMicroelectronics ST10F276Z5 Datasheet HTML 127Page - STMicroelectronics ST10F276Z5 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 239 page
background image
System reset
ST10F276Z5
124/239
Figure 36.
SW / WDT bidirectional RESET (EA=0) followed by a HW RESET
19.7
Reset circuitry
Internal reset circuitry is described in Figure 39. The RSTIN pin provides an internal pull-up
resistor of 50k
Ω to 250kΩ (The minimum reset time must be calculated using the lowest
value).
It also provides a programmable (BDRSTEN bit of SYSCON register) pull-down to output
internal reset state signal (synchronous reset, watchdog timer reset or software reset).
This bidirectional reset function is useful in applications where external devices require a
reset signal but cannot be connected to RSTOUT pin.
This is the case of an external memory running codes before EINIT (end of initialization)
instruction is executed. RSTOUT pin is pulled high only when EINIT is executed.
The RPD pin provides an internal weak pull-down resistor which discharges external
capacitor at a typical rate of 200
µA. If bit PWDCFG of SYSCON register is set, an internal
pull-up resistor is activated at the end of the reset sequence. This pull-up will charge any
capacitor connected on RPD pin.
The simplest way to reset the device is to insert a capacitor C1 between RSTIN pin and VSS,
and a capacitor between RPD pin and VSS (C0) with a pull-up resistor R0 between RPD pin
and VDD. The input RSTIN provides an internal pull-up device equalling a resistor of 50kΩ to
250k
Ω (the minimum reset time must be determined by the lowest value). Select C1 that
produce a sufficient discharge time to permit the internal or external oscillator and / or
internal PLL and the on-chip voltage regulator to stabilize.
P0[15:13]
not transparent
RSTF
P0[12:8]
transparent
not t.
P0[1:0]
not t.
not transparent
RST
1024 TCL
RSTOUT
At this time RSTF is sampled LOW
so HW Reset is entered
(After Filter)
RSTIN
≤ 500 ns
≥ 50 ns
ALE
8 TCL
≤ 500 ns
≥ 50 ns
P0[7:2]
not transparent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com