Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 155 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 155 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 151Page - STMicroelectronics ST10F276Z5 Datasheet HTML 152Page - STMicroelectronics ST10F276Z5 Datasheet HTML 153Page - STMicroelectronics ST10F276Z5 Datasheet HTML 154Page - STMicroelectronics ST10F276Z5 Datasheet HTML 155Page - STMicroelectronics ST10F276Z5 Datasheet HTML 156Page - STMicroelectronics ST10F276Z5 Datasheet HTML 157Page - STMicroelectronics ST10F276Z5 Datasheet HTML 158Page - STMicroelectronics ST10F276Z5 Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 239 page
background image
ST10F276Z5
Register set
155/239
22.5
X-registers sorted by name
The following table lists by order of their names all X-Bus registers which are implemented in
the ST10F276Z5. Although also physically mapped on X-Bus memory space, the Flash
control registers are listed in a separate section,.
Note:
The X-registers are not bit-addressable.
DP7 b
FFD2h
E9h
Port 7 direction control register
- - 00h
P8
b
FFD4h
EAh
Port 8 register (8-bit)
- - 00h
DP8 b
FFD6h
EBh
Port 8 direction control register
- - 00h
MRW b
FFDAh
EDh
MAC unit repeat word
0000h
MCW b
FFDCh
EEh
MAC unit control word
0000h
MSW b
FFDEh
EFh
MAC unit status word
0200h
Table 69.
Special function registers ordered by address (continued)
Name
Physical
address
8-bit
address
Description
Reset
value
Table 70.
X-Registers ordered by name
Name
Physical
address
Description
Reset value
CAN1BRPER
EF0Ch
CAN1: BRP extension register
0000h
CAN1BTR
EF06h
CAN1: Bit timing register
2301h
CAN1CR
EF00h
CAN1: CAN control register
0001h
CAN1EC
EF04h
CAN1: Error counter
0000h
CAN1IF1A1
EF18h
CAN1: IF1 arbitration 1
0000h
CAN1IF1A2
EF1Ah
CAN1: IF1 arbitration 2
0000h
CAN1IF1CM
EF12h
CAN1: IF1 command mask
0000h
CAN1IF1CR
EF10h
CAN1: IF1 command request
0001h
CAN1IF1DA1
EF1Eh
CAN1: IF1 data A 1
0000h
CAN1IF1DA2
EF20h
CAN1: IF1 data A 2
0000h
CAN1IF1DB1
EF22h
CAN1: IF1 data B 1
0000h
CAN1IF1DB2
EF24h
CAN1: IF1 data B 2
0000h
CAN1IF1M1
EF14h
CAN1: IF1 mask 1
FFFFh
CAN1IF1M2
EF16h
CAN1: IF1 mask 2
FFFFh
CAN1IF1MC
EF1Ch
CAN1: IF1 message control
0000h
CAN1IF2A1
EF48h
CAN1: IF2 arbitration 1
0000h
CAN1IF2A2
EF4Ah
CAN1: IF2 arbitration 2
0000h
CAN1IF2CM
EF42h
CAN1: IF2 command mask
0000h
CAN1IF2CR
EF40h
CAN1: IF2 command request
0001h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com