Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 152 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 148Page - STMicroelectronics ST10F276Z5 Datasheet HTML 149Page - STMicroelectronics ST10F276Z5 Datasheet HTML 150Page - STMicroelectronics ST10F276Z5 Datasheet HTML 151Page - STMicroelectronics ST10F276Z5 Datasheet HTML 152Page - STMicroelectronics ST10F276Z5 Datasheet HTML 153Page - STMicroelectronics ST10F276Z5 Datasheet HTML 154Page - STMicroelectronics ST10F276Z5 Datasheet HTML 155Page - STMicroelectronics ST10F276Z5 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 239 page
background image
Register set
ST10F276Z5
152/239
CC10
FE94h
4Ah
CAPCOM register 10
0000h
CC11
FE96h
4Bh
CAPCOM register 11
0000h
CC12
FE98h
4Ch
CAPCOM register 12
0000h
CC13
FE9Ah
4Dh
CAPCOM register 13
0000h
CC14
FE9Ch
4Eh
CAPCOM register 14
0000h
CC15
FE9Eh
4Fh
CAPCOM register 15
0000h
ADDAT
FEA0h
50h
A/D converter result register
0000h
WDT
FEAEh
57h
Watchdog timer register (read-only)
0000h
S0TBUF
FEB0h
58h
Serial channel 0 transmit buffer register
(write-only)
0000h
S0RBUF
FEB2h
59h
Serial channel 0 receive buffer register (read-only) - - XXh
S0BG
FEB4h
5Ah
Serial channel 0 baud rate generator reload
register
0000h
PECC0
FEC0h
60h
PEC channel 0 control register
0000h
PECC1
FEC2h
61h
PEC channel 1 control register
0000h
PECC2
FEC4h
62h
PEC channel 2 control register
0000h
PECC3
FEC6h
63h
PEC channel 3 control register
0000h
PECC4
FEC8h
64h
PEC channel 4 control register
0000h
PECC5
FECAh
65h
PEC channel 5 control register
0000h
PECC6
FECCh
66h
PEC channel 6 control register
0000h
PECC7
FECEh
67h
PEC channel 7 control register
0000h
P0L b
FF00h
80h
Port0 low register (lower half of PORT0)
- - 00h
P0H b
FF02h
81h
Port0 high register (upper half of PORT0)
- - 00h
P1L b
FF04h
82h
Port1 low register (lower half of PORT1)
- - 00h
P1H b
FF06h
83h
Port1 high register (upper half of PORT1)
- - 00h
IDX0 b
FF08h
84h
MAC unit address pointer 0
0000h
IDX1 b
FF0Ah
85h
MAC unit address pointer 1
0000h
BUSCON0 b
FF0Ch
86h
Bus configuration register 0
0xx0h
MDC b
FF0Eh
87h
CPU multiply divide control register
0000h
PSW b
FF10h
88h
CPU program status word
0000h
SYSCON b
FF12h
89h
CPU system configuration register
0xx0h
BUSCON1 b
FF14h
8Ah
Bus configuration register 1
0000h
BUSCON2 b
FF16h
8Bh
Bus configuration register 2
0000h
BUSCON3 b
FF18h
8Ch
Bus configuration register 3
0000h
BUSCON4 b
FF1Ah
8Dh
Bus configuration register 4
0000h
Table 69.
Special function registers ordered by address (continued)
Name
Physical
address
8-bit
address
Description
Reset
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com