Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 148 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 148 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 144Page - STMicroelectronics ST10F276Z5 Datasheet HTML 145Page - STMicroelectronics ST10F276Z5 Datasheet HTML 146Page - STMicroelectronics ST10F276Z5 Datasheet HTML 147Page - STMicroelectronics ST10F276Z5 Datasheet HTML 148Page - STMicroelectronics ST10F276Z5 Datasheet HTML 149Page - STMicroelectronics ST10F276Z5 Datasheet HTML 150Page - STMicroelectronics ST10F276Z5 Datasheet HTML 151Page - STMicroelectronics ST10F276Z5 Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 239 page
background image
Register set
ST10F276Z5
148/239
22.4
Special function registers ordered by address
The following table lists by order of their physical addresses all SFRs which are
implemented in the ST10F276Z5.
Bit-addressable SFRs are marked with the letter “b” in column “Name”.
SFRs within the Extended SFR-Space (ESFRs) are marked with the letter “E” in column
“Physical Address”.
XP3IC b
F19Eh E
CFh
See Section 8.1
- - 00h
XPERCON
F024h
E
12h
XPER configuration register
- - 05h
ZEROS b
FF1Ch
8Eh
Constant value 0’s register (read-only)
0000h
Table 68.
Special function registers ordered by address (continued)
Name
Physical
address
8-bit
address
Description
Reset
value
Table 69.
Special function registers ordered by address
Name
Physical
address
8-bit
address
Description
Reset
value
QX0
F000h
E
00h
MAC unit offset register X0
0000h
QX1
F002h
E
01h
MAC unit offset register X1
0000h
QR0
F004h
E
02h
MAC unit offset register R0
0000h
QR1
F006h
E
03h
MAC unit offset register R1
0000h
XADRS3
F01Ch E
0Eh
XPER address select register 3
800Bh
XPERCON
F024h
E
12h
XPER configuration register
- - 05h
PT0
F030h
E
18h
PWM module up/down counter 0
0000h
PT1
F032h
E
19h
PWM module up/down counter 1
0000h
PT2
F034h
E
1Ah
PWM module up/down counter 2
0000h
PT3
F036h
E
1Bh
PWM module up/down counter 3
0000h
PP0
F038h
E
1Ch
PWM module period register 0
0000h
PP1
F03Ah E
1Dh
PWM module period register 1
0000h
PP2
F03Ch E
1Eh
PWM module period register 2
0000h
PP3
F03Eh E
1Fh
PWM module period register 3
0000h
T7
F050h
E
28h
CAPCOM timer 7 register
0000h
T8
F052h
E
29h
CAPCOM timer 8 register
0000h
T7REL
F054h
E
2Ah
CAPCOM timer 7 reload register
0000h
T8REL
F056h
E
2Bh
CAPCOM timer 8 reload register
0000h
IDPROG
F078h
E
3Ch
Programming voltage identifier register
0040h
IDMEM
F07Ah E
3Dh
On-chip memory identifier register
30D0h
IDCHIP
F07Ch E
3Eh
Device identifier register (n is the device revision)
114nh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com