Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 150 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 150 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 146Page - STMicroelectronics ST10F276Z5 Datasheet HTML 147Page - STMicroelectronics ST10F276Z5 Datasheet HTML 148Page - STMicroelectronics ST10F276Z5 Datasheet HTML 149Page - STMicroelectronics ST10F276Z5 Datasheet HTML 150Page - STMicroelectronics ST10F276Z5 Datasheet HTML 151Page - STMicroelectronics ST10F276Z5 Datasheet HTML 152Page - STMicroelectronics ST10F276Z5 Datasheet HTML 153Page - STMicroelectronics ST10F276Z5 Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 239 page
background image
Register set
ST10F276Z5
150/239
XP3IC b
F19Eh E
CFh
See Section 8.1
- - 00h
EXICON b
F1C0h E
E0h
External interrupt control register
0000h
ODP2 b
F1C2h E
E1h
Port2 open drain control register
0000h
PICON b
F1C4h E
E2h
Port input threshold control register
- - 00h
ODP3 b
F1C6h E
E3h
Port3 open drain control register
0000h
ODP4 b
F1CAh E
E5h
Port4 open drain control register
- - 00h
ODP6 b
F1CEh E
E7h
Port6 open drain control register
- - 00h
ODP7 b
F1D2h E
E9h
Port7 open drain control register
- - 00h
ODP8 b
F1D6h E
EBh
Port8 open drain control register
- - 00h
EXISEL b
F1DAh E
EDh
External interrupt source selection register
0000h
DPP0
FE00h
00h
CPU data page pointer 0 register (10-bit)
0000h
DPP1
FE02h
01h
CPU data page pointer 1 register (10-bit)
0001h
DPP2
FE04h
02h
CPU data page pointer 2 register (10-bit)
0002h
DPP3
FE06h
03h
CPU data page pointer 3 register (10-bit)
0003h
CSP
FE08h
04h
CPU code segment pointer register (read-only)
0000h
EMUCON
FE0Ah
05h
Emulation control register
- - XXh
MDH
FE0Ch
06h
CPU multiply divide register – High word
0000h
MDL
FE0Eh
07h
CPU multiply divide register – Low word
0000h
CP
FE10h
08h
CPU context pointer register
FC00h
SP
FE12h
09h
CPU system stack pointer register
FC00h
STKOV
FE14h
0Ah
CPU stack overflow pointer register
FA00h
STKUN
FE16h
0Bh
CPU stack underflow pointer register
FC00h
ADDRSEL1
FE18h
0Ch
Address select register 1
0000h
ADDRSEL2
FE1Ah
0Dh
Address select register 2
0000h
ADDRSEL3
FE1Ch
0Eh
Address select register 3
0000h
ADDRSEL4
FE1Eh
0Fh
Address select register 4
0000h
PW0
FE30h
18h
PWM module pulse width register 0
0000h
PW1
FE32h
19h
PWM module pulse width register 1
0000h
PW2
FE34h
1Ah
PWM module pulse width register 2
0000h
PW3
FE36h
1Bh
PWM module pulse width register 3
0000h
T2
FE40h
20h
GPT1 timer 2 register
0000h
T3
FE42h
21h
GPT1 timer 3 register
0000h
T4
FE44h
22h
GPT1 timer 4 register
0000h
T5
FE46h
23h
GPT2 timer 5 register
0000h
Table 69.
Special function registers ordered by address (continued)
Name
Physical
address
8-bit
address
Description
Reset
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com