Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 193 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 193 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 189Page - STMicroelectronics ST10F276Z5 Datasheet HTML 190Page - STMicroelectronics ST10F276Z5 Datasheet HTML 191Page - STMicroelectronics ST10F276Z5 Datasheet HTML 192Page - STMicroelectronics ST10F276Z5 Datasheet HTML 193Page - STMicroelectronics ST10F276Z5 Datasheet HTML 194Page - STMicroelectronics ST10F276Z5 Datasheet HTML 195Page - STMicroelectronics ST10F276Z5 Datasheet HTML 196Page - STMicroelectronics ST10F276Z5 Datasheet HTML 197Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 239 page
background image
ST10F276Z5
Electrical characteristics
193/239
In particular two different transient periods can be distinguished (see Figure 48):
1.
A first and quick charge transfer from the internal capacitances CP1 and CP2 to the
sampling capacitance CS occurs (CS is supposed initially completely discharged):
Considering a worst case (since the time constant in reality would be faster) in which
CP2 is reported in parallel to CP1 (call CP = CP1 + CP2), the two capacitances CP and
CS are in series and the time constant is:
This relation can again be simplified considering only CS as an additional worst
condition. In reality, the transient is faster, but the A/D converter circuitry has been
designed to also be robust in the very worst case: The sampling time TS is always
much longer than the internal time constant:
The charge of CP1 and CP2 is also redistributed on CS, determining a new value of the
voltage VA1 on the capacitance according to the following equation:
2.
A second charge transfer also involves CF (that is typically bigger than the on-chip
capacitance) through the resistance RL: Again considering the worst case in which CP2
and CS were in parallel to CP1 (since the time constant in reality would be faster), the
time constant is:
In this case, the time constant depends on the external circuit: In particular, imposing
that the transient is completed well before the end of sampling time TS, a constraint on
RL sizing is obtained:
Of course, RL must also be sized according to the current limitation constraints, in
combination with RS (source impedance) and RF (filter resistance). Being that CF is
definitely bigger than CP1, CP2 and CS, then the final voltage VA2 (at the end of the
charge transfer transient) will be much higher than VA1. The following equation must be
respected (charge balance assuming now CS already charged at VA1):
The two transients above are not influenced by the voltage source that, due to the presence
of the RFCF filter, cannot provide the extra charge to compensate for the voltage drop on CS
with respect to the ideal source VA; the time constant RFCF of the filter is very high with
respect to the sampling time (TS). The filter is typically designed to act as anti-aliasing (see
Figure 49).
Calling f0 the bandwidth of the source signal (and as a consequence the cut-off frequency of
the anti-aliasing filter, fF), according to Nyquist theorem the conversion rate fC must be at
least 2f0, meaning that the constant time of the filter is greater than or at least equal to twice
the conversion period (TC). Again the conversion period TC is longer than the sampling time
TS, which is just a portion of it, even when fixed channel continuous conversion mode is
τ1 RSW RAD
+
()
=
CP CS
⋅
CP CS
+
-----------------------
⋅
τ1 RSW RAD
+
() C
S
•
<
T
S
«
VA1 CS CP1 CP2
++
()
⋅
VA CP1 CP2
+
()
⋅
=
τ2 RL
<
CS CP1 CP2
++
()
⋅
0
τ2
⋅
10 R
⋅ L
=
CS CP1 CP2
++
()
TS
≤
⋅
VA2 CS CP1 CP2 CF
+++
()
⋅
VA CF
⋅
VA1
+
CP1 CP2
+CS
+
()
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com