Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 196 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 196 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 192Page - STMicroelectronics ST10F276Z5 Datasheet HTML 193Page - STMicroelectronics ST10F276Z5 Datasheet HTML 194Page - STMicroelectronics ST10F276Z5 Datasheet HTML 195Page - STMicroelectronics ST10F276Z5 Datasheet HTML 196Page - STMicroelectronics ST10F276Z5 Datasheet HTML 197Page - STMicroelectronics ST10F276Z5 Datasheet HTML 198Page - STMicroelectronics ST10F276Z5 Datasheet HTML 199Page - STMicroelectronics ST10F276Z5 Datasheet HTML 200Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 239 page
background image
Electrical characteristics
ST10F276Z5
196/239
then half a count (considering the worst case when VA = 5 V):
The other conditions to verify are if the time constants of the transients are really and
significantly shorter than the sampling period duration TS:
For a complete set of parameters characterizing the ST10F276Z5 A/D converter equivalent
circuit, refer to A/D Converter Characteristics table at page 187.
23.8
AC characteristics
23.8.1
Test waveforms
Figure 50.
Input/output waveforms
Figure 51.
Float waveforms
VA
RS RF RL RSW RAD
++
+
+
REQ
-------------------------------------------------------------------------
2.35mV
=
⋅
1
2
---LSB
<
τ1 RSW RAD
+
()
=
CS 2.8ns
=
⋅
<< T
S = 1µs
10
τ2
⋅
10R
⋅ L
=
CS CP1 CP2
++
()
290ns
=
⋅
< T
S = 1µs
2.4 V
0.4 V
Test Points
2.0 V
2.0 V
0.8 V
0.8 V
AC inputs during testing are driven at 2.4 V for a logic ‘1’ and 0.4 V for a logic ‘0’.
Timing measurements are made at VIH min. for a logic ‘1’ and VIL max for a logic ‘0’.
Timing
Reference
Points
VLOAD + 0.1 V
VLOAD - 0.1 V
VOH - 0.1 V
VOL + 0.1 V
VLOAD
VOL
VOH
For timing purposes a port pin is no longer floating when VLOAD changes of ±100mV occur.
It begins to float when a 100mV change from the loaded VOH/VOL level occurs (IOH/IOL = 20 mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com